Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1167-MAX1168 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1167-MAX1168
Description  Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1167-MAX1168 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1167-MAX1168 Datasheet HTML 5Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 6Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 7Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 8Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 9Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 10Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 11Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 12Page - Maxim Integrated Products MAX1167-MAX1168 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
OFFSET ERROR vs. SUPPLY VOLTAGE
AVDD (V)
5.15
4.85
5.05
4.95
200
100
0
-100
-200
-300
-400
4.75
5.25
VREF = +4.096V
GAIN ERROR vs. SUPPLY VOLTAGE
AVDD (V)
5.15
4.85
5.05
4.95
0.05
0.04
0.03
0.02
0.01
0
-0.01
-0.02
4.75
5.25
VREF = +4.096V
Multichannel, 16-Bit, 200ksps Analog-to-Digital
Converters
_______________________________________________________________________________________
9
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
200
150
100
50
0
-50
-100
-150
-40
85
VREF = +4.096V
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0
-0.001
-0.002
-0.003
-0.004
-0.005
-40
85
VREF = +4.096V
CHANNEL-TO-CHANNEL ISOLATION
vs. FREQUENCY
FREQUENCY (kHz)
80
60
40
20
0
-20
-40
-60
-80
-100
-120
0100
INTERNAL +4.096V REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
AVDD (V)
5.15
5.05
4.95
4.85
4.092
4.096
4.100
4.104
4.088
4.75
5.25
DVDD = +5V
TA = 0
°C
TA = -40
°C
TA = +85
°C
TA = +25
°C
TA = +70
°C
EXTERNAL REFERENCE INPUT CURRENT
vs. EXTERNAL REFERENCE VOLTAGE
VREF (V)
5.0
4.5
2.5
3.0
3.5
4.0
20
40
60
80
100
120
140
160
0
2.0
5.5
VAIN = 0
fSCLK = 4.8MHz
AVDD = DVDD = +5V
199ksps, EXTERNAL CLOCK
87.19ksps, INTERNAL CLOCK
INTERNAL REFERENCE VOLTAGE
vs. REF LOAD
IREF (mA)
12
10
6
8
4
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
014
fSCLK = 0
INTERNAL REFERENCE MODE
LOAD APPLIED TO REF
CREF = 1
µF
INTERNAL CLOCK CONVERSION TIME
(8th RISING SCLK TO FALLING EOC)
NUMBER OF SCAN-MODE CONVERSIONS
8
7
6
5
4
3
2
10
20
30
40
50
60
70
0
1
fSCLK = 4.8MHz
8-BIT DATA-TRANSFER MODE
16-BIT DATA-TRANSFER MODE
6
10
12
17 17
24
22
31
28
39
33
46
38
53
44
60
Typical Operating Characteristics (continued)
(AVDD = DVDD = +5V, fSCLK = 4.8MHz, CDOUT = 30pF, external VREF = +4.096V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1167-MAX1168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167 MAXIM-MAX1167 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BCEE MAXIM-MAX1167BCEE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BCEE MAXIM-MAX1167BCEE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167BEEE MAXIM-MAX1167BEEE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
More results

Similar Description - MAX1167-MAX1168

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1167 MAXIM-MAX1167_09 Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
MAX1067 MAXIM-MAX1067 Datasheet
431Kb / 30P
   Multichannel, 14-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 8/07
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com