Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35740D01A-K8T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-35740D01A-K8T2U
Description  Operation temperature range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35740D01A-K8T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-35740D01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35740D01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
S-35740 Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE INTERVAL TIMER
CONVENIENCE TIMER
© SII Semiconductor Corporation, 2016
Rev.1.1_00
1
The convenience timer is a CMOS timer IC which operates with low current consumption, and is suitable for the time
management of the relative time.
The S-35740 Series outputs the fixed-cycle interrupt signal. The frequency and duty ratio of the fixed-cycle interrupt signal
can be set freely by users via a 2-wire serial interface.
Moreover, the S-35740 Series has a built-in 24-bit timer. For example, users can obtain the cumulative energization time of
the system since the timer performs a count-up action every second.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Fixed-cycle interrupt signal output function: Settable frequency and duty ratio, with an output control pin
• Low current consumption:
0.2
μA typ.
(Crystal oscillator: CL = 6.0 pF, VDD = 3.0 V, ENBL pin = "H", Ta =
+25°C)
• Wide range of operation voltage:
1.8 V to 5.5 V
• 2-wire (I
2C-bus) CPU interface
• Built-in 32.768 kHz crystal oscillation circuit
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*1
*1. Contact our sales office for details.
Application
• Intermittent operation of various systems
• Regular status monitoring of various systems
Package
• TMSOP-8


Similar Part No. - S-35740D01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35740C01A-K8T2U SII-S-35740C01A-K8T2U Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
More results

Similar Description - S-35740D01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF787ES6 SHOULDER-HDF787ES6 Datasheet
163Kb / 8P
   Operation Temperature Range
HDF922AS6 SHOULDER-HDF922AS6 Datasheet
160Kb / 8P
   Operation Temperature Range
HDF948AS6 SHOULDER-HDF948AS6 Datasheet
161Kb / 8P
   Operation Temperature Range
HDBF14021A21 SHOULDER-HDBF14021A21 Datasheet
179Kb / 8P
   Operation Temperature Range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
logo
Integrated Device Techn...
6V49205B IDT-6V49205B Datasheet
338Kb / 16P
   Industrial temperature range operation
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LDSE-3D4K3-TR STANLEY-VSTW1154LDSE-3D4K3-TR Datasheet
991Kb / 24P
   Wide operation temperature range.
VSTW1154LCSE-3D3B3-TR STANLEY-VSTW1154LCSE-3D3B3-TR Datasheet
954Kb / 24P
   Wide operation temperature range.
logo
Leshan Radio Company
LR8808 LRC-LR8808 Datasheet
340Kb / 6P
   Micropocessor Reset Circuits junction temperature range for operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com