Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35730B01A-K8T2U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-35730B01A-K8T2U
Description  CONVENIENCE TIMER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35730B01A-K8T2U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-35730B01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35730B01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FOR AUTOMOTIVE 125°C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
Rev.1.1_00
S-35730 Series
3
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 1.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
1. Product name
S-35730 x xx A - K8T2 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product name
Operation temperature
A:
Ta =
−40°C to +125°C
Package abbreviation and IC packing specification
*1
K8T2: TMSOP-8, Tape
Option code 2
*2
Option code 1
B:
Crystal oscillator CL = 9.0 pF
C:
Crystal oscillator CL = 6.0 pF
D:
Crystal oscillator CL = others
*3
*1. Refer to the tape drawing.
*2. A sequence number added by the optional function that is user-selected.
*3. Contact our sales office for details.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product name list
Table 2
Product Name
FOUT Pin Output Form
*1
SET0 Pin, SET1 Pin Settings
*2 (SET0, SET1)
0, 0
0, 1
1, 0
1, 1
S-35730C01A-K8T2U
CMOS output
32.768 kHz
32 Hz
1.024 kHz
1 Hz
*1. The pin of Nch open-drain output / CMOS output is selectable. Refer to " Pin Functions".
*2. Regarding the pin settings and clock pulse frequency combinations, refer to " FOUT Pin Clock Pulse Output".
Remark Please contact our sales office for products with specifications other than the above.


Similar Part No. - S-35730B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35730C01A-K8T2U SII-S-35730C01A-K8T2U Datasheet
1Mb / 20P
   FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
More results

Similar Description - S-35730B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-35770E01A-K8T2U SII-S-35770E01A-K8T2U Datasheet
2Mb / 26P
   CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35770 SII-S35770 Datasheet
2Mb / 26P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
S35710M SII-S35710M Datasheet
2Mb / 29P
   FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
S35730 SII-S35730 Datasheet
1Mb / 20P
   FOR AUTOMOTIVE 125째C OPERATION CLOCK PULSE OUTPUT WITH FREQUENCY SETTING PIN CONVENIENCE TIMER
logo
Ultralife Corporation.
UBBL22 ULTRALIFE-UBBL22 Datasheet
319Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL21 ULTRALIFE-UBBL21 Datasheet
508Kb / 2P
   Off-the-shelf convenience
Rev: F
UBBL24 ULTRALIFE-UBBL24 Datasheet
161Kb / 2P
   Off-the-shelf convenience
Rev: H
UBBL26 ULTRALIFE-UBBL26 Datasheet
159Kb / 2P
   Off-the-shelf convenience
Rev: D
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com