Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35720C01A-K8T2U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-35720C01A-K8T2U
Description  Low current consumption
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35720C01A-K8T2U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-35720C01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35720C01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
S-35720 Series
Rev.1.1_00
4
Pin Configuration
1. TMSOP-8
7
6
5
8
2
3
4
1
Top view
Figure 2
Table 3 List of Pins
Pin No.
Symbol
Description
I/O
Configuration
1
RST
_______
Input pin for
reset signal
Input
CMOS input
(With / without
Pull-up resistor is selectable)
2
XOUT
Connection pins for
crystal oscillator
3
XIN
4
VSS
GND pin
5
INT
Output pin for
interrupt signal
Output
Nch open-drain output /
CMOS output is selectable
6
SET0
Input pins for
interrupt time setting
Input
CMOS input
7
SET1
8
VDD
Pin for positive
power supply


Similar Part No. - S-35720C01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35720C01I-K8T2U ABLIC-S-35720C01I-K8T2U Datasheet
415Kb / 20P
   PIN-SELECTABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35720C01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com