Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19311BF2A-V5T2U4 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-19311BF2A-V5T2U4
Description  CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19311BF2A-V5T2U4 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-19311BF2A-V5T2U4 Datasheet HTML 1Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 2Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19311BF2A-V5T2U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
S-19311 Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE
CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
© SII Semiconductor Corporation, 2015
Rev.1.0_02
1
The S-19311 Series, developed by using high-withstand voltage CMOS technology, is a positive voltage regulator with the
reset function, which has high-withstand voltage and high-accuracy output voltage. This IC has a built-in low on-resistance
output transistor which provides a small dropout voltage and a large output current. Also, a built-in overcurrent protection
circuit to limit overcurrent of the output transistor and a built-in thermal shutdown circuit to limit heat are included.
High heat radiation TO-252-5S(A) and HSOP-8A packages enable high-density mounting.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in
the purpose, contact to SII Semiconductor Corporation is indispensable.
Features
Regulator block
• Output voltage:
3.0 V to 5.3 V, selectable in 0.1 V step
• Input voltage:
4.0 V to 36.0 V
• Output voltage accuracy:
±2.0% (Tj = −40°C to +150°C)
• Dropout voltage:
120 mV typ. (5.0 V output product, IOUT = 100 mA)
• Output current:
Possible to output 200 mA (VIN = VOUT(S)
+ 1.0 V)*1
• Input and output capacitors:
A ceramic capacitor of 2.2
μF or more can be used.
• Ripple rejection:
70 dB typ. (f = 100 Hz)
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Detection temperature 170°C typ.
Detector block
• Detection voltage:
2.6 V to 5.0 V, selectable in 0.1 V step
• Detection voltage accuracy:
±100 mV (Tj = −40°C to +150°C)
• Hysteresis width:
0.12 V min.
• Release delay time:
18 ms typ. (CDLY = 47 nF)
• Output form:
Nch open-drain output (Built-in pull-up resistor)
Overall
• Current consumption:
During operation: 60
μA typ., 95 μA max. (Tj = −40°C to +150°C)
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• Withstand 45 V load dump
• AEC-Q100 in process*2
*1. Please make sure that the loss of the IC will not exceed the power dissipation when the output current is large.
*2. Contact our sales office for details.
Applications
• Constant-voltage power supply and reset circuit for automotive electric component
• For automotive use (engine, transmission, suspension, ABS, related-devices for EV / HEV / PHEV, etc.)
Packages
• TO-252-5S(A)
• HSOP-8A


Similar Part No. - S-19311BF2A-V5T2U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19311BF2A-V5T2U4 ABLIC-S-19311BF2A-V5T2U4 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
More results

Similar Description - S-19311BF2A-V5T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
New Japan Radio
NJM78LR05 NJRC-NJM78LR05 Datasheet
270Kb / 9P
   SERIES REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Seiko Instruments Inc
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com