Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19401D20A-K8T2U4 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-19401D20A-K8T2U4
Description  Watchdog operation voltage range
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19401D20A-K8T2U4 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-19401D20A-K8T2U4 Datasheet HTML 1Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 2Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19401D20A-K8T2U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
FOR AUTOMOTIVE 125°C OPERATION LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.1_00
S-19400/19401 Series
3
AEC-Q100 Qualified
This IC supports AEC-Q100 for the operation temperature grade 1.
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
Users can select the product type, detection voltage, and package type for the S-19400/19401 Series. Refer to "1.
Product name" regarding the contents of product name, "2. Product type list" regarding the product types, "3.
Packages" regarding the package drawings.
1. Product name
S-1940 x x xx A - xxxx U 4
Package abbreviation and IC packing specifications
*1
K8T2: TMSOP-8, Tape
A8T1: HSNT-8(2030), Tape
Detection voltage
20 to 50
(e.g., when the detection voltage is 2.0 V, it is expressed as 20.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
A:
Ta =
−40°C to +125°C
Product type 2
*3
0, 1
Product type 1
*2
A to L
*1. Refer to the tape drawing.
*2. Refer to "2. Product type list".
*3. 0: S-19400 Series (Product with W
___
/ T pin)
The WDO
________
pin outputs the signals which are from the watchdog timer circuit and the voltage detection
circuit.
1: S-19401 Series (Product without W
___
/ T pin)
The WDO
________
pin outputs the signals which are from the watchdog timer circuit and the voltage detection
circuit.
The RST
_______
pin outputs the signal which is from the voltage detection circuit.
The watchdog mode is fixed to the window mode.


Similar Part No. - S-19401D20A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19401D20A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com