Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19501AY3A-E8T1U4 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-19501AY3A-E8T1U4
Description  CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19501AY3A-E8T1U4 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-19501AY3A-E8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 12Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 13Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 14Page - Seiko Instruments Inc S-19501AY3A-E8T1U4 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Rev.1.2_01
S-19500/19501 Series
11
3. Watchdog timer block
3. 1 S-19500 Series (Product with watchdog enable function)
Table 12
(VIN = 13.5 V, Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Watchdog activation
threshold current
IO,WDact
WADJ pin is open
1.1
1.5
1.9
mA
7
Watchdog deactivation
threshold current
IO,WDdeact
WADJ pin is open
1.3
mA
7
Watchdog activation
hysteresis current
IO,WDhys
WADJ pin is open
0.1
0.2
mA
7
Watchdog activation
threshold voltage
VWADJ,th
1.28
1.35
1.45
V
8
WADJ pin current ratio
IOUT
IWADJ
VWADJ = 0 V, IOUT = 10 mA
750
8
WADJ pin internal resistance RWADJ,int
490
650
845
k
Ω
Charge curernt
ID,cha
VDLY = 1.0 V
2
5
8
μA
9
Discharge current
ID,dcha
VDLY = 1.0 V
0.6
1.3
2.0
μA
9
Upper timing threshold
voltage
VDU
1.5
1.9
2.3
V
9
Lower watchdog timing
threshold voltage
VDWL
0.5
0.7
0.9
V
9
Watchdog output
pulse period
tWD,p
CDLY = 47 nF
38
54
72
ms
7
Watchdog output "L" time
tWD,l
VOUT
> −VDET, CDLY = 47 nF
Watchdog timer is activated
6
11
16
ms
7
Watchdog trigger time
tWI,tr
CDLY = 47 nF
32
43
56
ms
7
WEN pin input voltage "H"
VSH
2
V
10
WEN pin input voltage "L"
VSL
−−
0.8
V
10
WEN pin input current "H"
ISH
VWEN = VOUT(S)
−−
1
μA
10
WEN pin input current "L"
ISL
VWEN = 0 V
−−
0.1
μA
10
tWI,tr
t
VDLY
VDU
VDWL
tWD,l
t
VWO / RO
tWD,p
Figure 5


Similar Part No. - S-19501AY3A-E8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19501AY3A-E8T1U4 ABLIC-S-19501AY3A-E8T1U4 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
More results

Similar Description - S-19501AY3A-E8T1U4

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com