Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19311BFJA-E8T1U4 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-19311BFJA-E8T1U4
Description  CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19311BFJA-E8T1U4 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-19311BFJA-E8T1U4 Datasheet HTML 1Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 2Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 3Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19311BFJA-E8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.0_02
S-19311 Series
3
AEC-Q100 in Process
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
Users can select the output voltage and detection voltage for the S-19311 Series. Refer to "1. Product name"
regarding the contents of product name, "3. Packages" regarding the package drawings and "4. Product name
list" for details of product names.
1. Product name
S-19311 B x x A - xxxx U 4
Package abbreviation and IC packing specifications
*1
V5T2: TO-252-5S(A), Tape
E8T1: HSOP-8A, Tape
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Operation temperature
A:
Ta =
−40°C to +125°C
Product type
B:
With DLY pin, VOUT detection (Detector)
Detection voltage
*2
F to Z, 0 to 5
Output voltage
*2
C to Z, 0, 1
*1. Refer to the tape drawing.
*2. Refer to "2. Product option list".
2. Product option list
2. 1 Output voltage
2. 2 Detection voltage
Set Output
Voltage
Symbol
Set Output
Voltage
Symbol
Set Detection
Voltage
Symbol
Set Detection
Voltage
Symbol
5.3 V
C
4.1 V
Q
5.0 V
F
3.7 V
U
5.2 V
D
4.0 V
R
4.9 V
G
3.6 V
V
5.1 V
E
3.9 V
S
4.8 V
H
3.5 V
W
5.0 V
F
3.8 V
T
4.7 V
J
3.4 V
X
4.9 V
G
3.7 V
U
4.6 V
K
3.3 V
Y
4.8 V
H
3.6 V
V
4.5 V
L
3.2 V
Z
4.7 V
J
3.5 V
W
4.4 V
M
3.1 V
0
4.6 V
K
3.4 V
X
4.3 V
N
3.0 V
1
4.5 V
L
3.3 V
Y
4.2 V
P
2.9 V
2
4.4 V
M
3.2 V
Z
4.1 V
Q
2.8 V
3
4.3 V
N
3.1 V
0
4.0 V
R
2.7 V
4
4.2 V
P
3.0 V
1
3.9 V
S
2.6 V
5
3.8 V
T
Remark Set output voltage
≥ Set detection voltage + 0.3 V


Similar Part No. - S-19311BFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19311BFJA-E8T1U4 ABLIC-S-19311BFJA-E8T1U4 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
More results

Similar Description - S-19311BFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
New Japan Radio
NJM78LR05 NJRC-NJM78LR05 Datasheet
270Kb / 9P
   SERIES REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
   5V, 1A Voltage-regulator ICs with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Seiko Instruments Inc
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com