Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19501AFJA-E8T1U4 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-19501AFJA-E8T1U4
Description  CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19501AFJA-E8T1U4 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-19501AFJA-E8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 11Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 12Page - Seiko Instruments Inc S-19501AFJA-E8T1U4 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
Rev.1.2_01
S-19500/19501 Series
9
Electrical Characteristics
1. Regulator block
Table 10
(VIN = 13.5 V, Tj =
−40°C to +150°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage*1
VOUT(E)
VIN = 13.5 V, IOUT = 30 mA
VOUT(S)
− 2.0%
VOUT(S)
VOUT(S)
+ 2.0%
V
1
Output current*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
200*4
mA
2
Dropout voltage*3
Vdrop
IOUT = 30 mA, Ta =
+25°C,
VOUT(S) = 3.0 V to 5.3 V
40
50
mV
1
IOUT = 100 mA, Ta =
+25°C,
VOUT(S) = 3.0 V to 5.3 V
120
200
mV
1
Line regulation
ΔVOUT1
ΔVIN • VOUT
VOUT(S)
+ 1.0 V ≤ VIN ≤ 36.0 V,
IOUT = 30 mA, Ta =
+25°C
0.02
0.10
%/V
1
Load regulation
ΔVOUT2
VIN = 13.5 V, 100
μA ≤ IOUT ≤ 100 mA,
Ta =
+25°C
20
40
mV
1
Input voltage
VIN
4.0
36.0
V
Ripple rejection
|RR|
VIN = 13.5 V, IOUT = 30 mA,
f = 100 Hz,
ΔVrip = 1.0 Vp-p
70
dB
3
Short-circuit current
Ishort
VIN = 13.5 V, VOUT = 0 V,
Ta =
+25°C
60
mA
2
Thermal shutdown
detection temperature
TSD
Junction temperature
170
°C
Thermal shutdown
release temperature
TSR
Junction temperature
135
°C
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 30 mA) and inputting 13.5 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4. The output current can be at least this value.
Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-19501AFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19501AFJA-E8T1U4 ABLIC-S-19501AFJA-E8T1U4 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
More results

Similar Description - S-19501AFJA-E8T1U4

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
BD3021HFP-M ROHM-BD3021HFP-M Datasheet
135Kb / 5P
   Voltage Regulator with Watchdog Timer Reset
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
   CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LT3641 LINER-LT3641 Datasheet
377Kb / 6P
   Buck Regulator with Power-On Reset and Watchdog Timer
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com