Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5234-MAX5235 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5234-MAX5235
Description  Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5234-MAX5235 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5234-MAX5235 Datasheet HTML 4Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 5Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 6Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 7Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 8Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 9Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 10Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 11Page - Maxim Integrated Products MAX5234-MAX5235 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Single-Supply 3V/5V, Voltage-Output, Dual,
Precision 12-Bit DACs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V (MAX5235) VDD = +3V (MAX5234), RL = 5k
Ω, CL = 100pF, VREF = +1.25V (MAX5234), VREF = +2.5V (MAX5235), CREF
= 0.1µF ceramic || 2.2µF electrolytic, both DACs on, VOUT = full scale, TA = +25°C, unless otherwise noted.)
20
22
21
25
24
23
29
28
26
30
-40
10
-15
35
60
85
MAX5234
BOTH DACs SHUTDOWN SUPPLY
CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
27
NO LOAD
170
172
171
175
174
173
179
178
176
180
-40
10
-15
35
60
85
MAX5234
ONE DAC SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
177
NO LOAD
0
0.2
0.1
0.5
0.4
0.3
0.9
0.8
0.6
1.0
-40
10
-15
35
60
85
MAX5235
FULL POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.7
NO LOAD
20
22
21
25
24
23
29
28
26
30
-40
10
-15
35
60
85
MAX5235
BOTH DACs SHUTDOWN SUPPLY
CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
27
NO LOAD
90
110
100
140
130
120
180
170
150
190
-40
10
-15
35
60
85
MAX5235
ONE DAC SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
160
NO LOAD
2.0449
2.0451
2.0450
2.0453
2.0452
2.0454
2.0455
-40
10
35
60
85
MAX5234
FULL-SCALE OUTPUT vs. TEMPERATURE
TEMPERATURE (
°C)
-15
NO LOAD
4.0930
4.0935
4.0940
4.0945
4.0950
4.0955
4.0960
4.0965
4.0970
-40
-15
10
35
60
85
MAX5235
FULL-SCALE OUTPUT vs. TEMPERATURE
TEMPERATURE (
°C)
NO LOAD
0
0.50
0.25
0.75
1.50
1.75
1.25
1.00
2.00
2.5
3.5 4.0 4.5 5.0
3.0
5.5 6.0 6.5 7.0 7.5
MAX5234
FULL-SCALE ERROR vs. RESISTIVE LOAD
RL (k
Ω)
0
1.0
0.5
1.5
3.0
3.5
2.5
2.0
4.0
2.5
3.5 4.0 4.5 5.0
3.0
5.5 6.0 6.5 7.0 7.5
MAX5235
FULL-SCALE ERROR vs. RESISTIVE LOAD
RL (k
Ω)


Similar Part No. - MAX5234-MAX5235

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230AEEE MAXIM-MAX5230AEEE Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230BEEE MAXIM-MAX5230BEEE Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5231 MAXIM-MAX5231 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5231AEEE MAXIM-MAX5231AEEE Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
More results

Similar Description - MAX5234-MAX5235

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5236 MAXIM-MAX5236 Datasheet
553Kb / 19P
   Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs
Rev 0; 1/02
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5441 MAXIM-MAX5441 Datasheet
385Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 1; 6/01
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
logo
Analog Devices
AD5380 AD-AD5380 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com