Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19401E.F50A-K8T2U4 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-19401E.F50A-K8T2U4
Description  Watchdog operation voltage range
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19401E.F50A-K8T2U4 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-19401E.F50A-K8T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19401E.F50A-K8T2U4 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
FOR AUTOMOTIVE 125°C OPERATION LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.1_00
S-19400/19401 Series
7
Pin Functions
Refer to " Operation" for details.
1. W
____
/ T pin (S-19400 Series only)
This is a pin to switch the watchdog mode.
The S-19400 Series changes to the time-out mode when the W
___
/ T pin is "H", and changes to the window mode
when the W
___
/ T pin is "L". Switching the mode is prohibited during the operation.
The constant current source (0.3
μA typ.) is connected to the W
___
/ T pin, and it is pulled down internally.
1. 1 Time-out mode (W
___
/ T pin = "H")
The S-19400 Series detects an abnormality when not inputting an edge to the WDI pin during the watchdog
time-out period (tWDU). And then "L" is output from the WDO
________
pin.
W / T
(S-19400 only)
WDI
(Rising edge)
WDO
tWDU
tRST
"H"
Figure 5 Abnormality Detection in Time-out Mode
1. 2 Window mode (W
___
/ T pin = "L")
When not inputting an edge to the WDI pin during tWDU, or when an edge is input to the WDI pin again within a
specific period of time (the discharge time due to an edge detection
+ 1 charge-discharge time (tWDL)) after
inputting an edge to the WDI pin, the WDO
________
pin output changes from "H" to "L".
W / T
(S-19400 only)
WDI
(Rising edge)
WDO
tWDU
tRST
"L"
tRST
tWDL
Figure 6 Abnormality Detection in Window Mode
2. RST
________
pin (S-19401 Series only)
This is a reset output pin. It outputs "L" when detecting a low voltage.
Be sure to connect a pull-up resistor to the RST
_______
pin in the product without an output pull-up resistor.
3. CPOR pin
This is a pin to connect an external capacitor in order to generate the reset time-out period (tRST).
The capacitor is charged and discharged by an internal constant current circuit, and the charge-discharge duration is
tRST.
tRST is calculated by using the following equation.
tRST = 6,500,000
× CPOR [F] + 0.0002


Similar Part No. - S-19401E.F50A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19401E.F50A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com