Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI80XX-1KV Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI80XX-1KV
Description  High-speed operation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI80XX-1KV Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI80XX-1KV Datasheet HTML 6Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 7Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 8Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 9Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 10Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 11Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 12Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 13Page - Silicon Laboratories SI80XX-1KV Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Si80xx
10
Rev. 1.0
Table 6. Enable Input Truth1
P/N
EN21,2
Operation
Si8030
Si8040
Si8050
H
Outputs B1, B2, B3, B4, B5, B6 are enabled and follow input state.
L
Outputs B1, B2, B3, B4, B5, B6 are disabled and Logic Low or in high impedance state.3
Si8035
Si8045
Si8055
Si8065
Outputs B1, B2, B3, B4, B5, B6 are enabled and follow input state.
Notes:
1. Enable, EN, can be used for multiplexing, for clock sync, or other output control. EN is internally pulled-up to local VDD
by a 16 µA current source allowing it to be connected to an external logic level (high or low) or left floating. To minimize
noise coupling, do not connect circuit traces to EN if it is left floating. If EN is unused, it is recommended that it be
connected to an external logic level, especially if the Si80xx is operating in a noisy environment.
2. X = not applicable; H = Logic High; L = Logic Low.
3. When using the enable pin (EN) function, the output pin state is driven into a high-impedance state when the EN pin is
disabled (EN = 0).


Similar Part No. - SI80XX-1KV

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI80XX-1KV SKYWORKS-SI80XX-1KV Datasheet
401Kb / 23P
   1 KV THREE TO SIX-CHANNEL DIGITAL ISOLATORS
Rev. 1.1
More results

Similar Description - SI80XX-1KV

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI864X SILABS-SI864X Datasheet
840Kb / 42P
   High-speed operation
logo
Micross Components
AS5LC512K8 MICROSS-AS5LC512K8 Datasheet
588Kb / 13P
   Ultra High Speed Asynchronous Operation
logo
STMicroelectronics
HCF4068 STMICROELECTRONICS-HCF4068 Datasheet
159Kb / 8P
   MEDIUM-SPEED OPERATION
September 2001
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217 TOREX-XC6217_1 Datasheet
538Kb / 31P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
logo
Rohm
BU7481G-TR ROHM-BU7481G-TR Datasheet
495Kb / 22P
   High Speed Low Voltage Operation CMOS Operational Amplifiers
BU7495HFV-TR ROHM-BU7495HFV-TR Datasheet
515Kb / 23P
   Low Voltage Operation High Speed CMOS Operational Amplifiers
logo
Seiko Instruments Inc
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com