Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q68000A8093 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # Q68000A8093
Description  Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q68000A8093 Datasheet(HTML) 1 Page - OSRAM GmbH

  Q68000A8093 Datasheet HTML 1Page - OSRAM GmbH Q68000A8093 Datasheet HTML 2Page - OSRAM GmbH Q68000A8093 Datasheet HTML 3Page - OSRAM GmbH Q68000A8093 Datasheet HTML 4Page - OSRAM GmbH Q68000A8093 Datasheet HTML 5Page - OSRAM GmbH Q68000A8093 Datasheet HTML 6Page - OSRAM GmbH Q68000A8093 Datasheet HTML 7Page - OSRAM GmbH Q68000A8093 Datasheet HTML 8Page - OSRAM GmbH Q68000A8093 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Lead (Pb) Free Product - RoHS Compliant
DLR1414, DLO1414, DLG1414
0.145" 4-Character 5 x 7 Dot Matrix
Alphanumeric Intelligent Display® Devices with Memory/Decoder/Driver
2006-01-23
1
Description
The DLR/DLO/DLG1414 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.
The integrated circuit contains memory, ASCII ROM decoder, multiplex circuitry and drivers. Data entry is asynchro-
nous and random. A display system can be built using any number of DLX1414s since each character in any DLX1414
can be addressed independently and will continue to display the character last stored until replaced by another.
System interconnection is very straightforward. The least significant two address bits (A0, A1) are normally connected
to the like named inputs of all displays in the system. Data lines are connected to all DLX1414s directly and in parallel
as is the write line (WR). The display then will behave as a write only memory.
The DLX1414 has several features superior to competitive devices. The character set consists of 128 special ASCII
characters for English, German, Italian, Swedish, Danish, and Norwegian.
Features
0.145" High, Dot Matrix Character
128 Special ASCII Characters for English, German,
Italian, Swedish, Danish, and Norwegian
Languages
Wide Viewing Angle: X Axis ±50°, Y Axis ±75°
Close Vertical Row Spacing, 0.800" Centers
Fast Access Time, 110 ns at 25°C
Compact Size for Hand Held Equipment
Built-in Memory
Built-in Character Generator
Built-in Multiplex and LED Drive Circuitry
Direct Access to Each Digit Independently and Asyn-
chronously
TTL Compatible, 5.0 Volt Power
Low Power Consumption, 20 mA per Character Typi-
cal
Intensity Coded for Display Uniformity
Extended Operating Temperature Range:
–40°C to +85°C
End Stackable, 4-Character Package
See Appnotes 18, 19, 22, and 23 for additional
information.
Ordering Information
Type
Color of Emission
Ordering Code
DLR1414
red
Q68000A8091
DLO1414
high efficiency red
Q68000A8092
DLG1414
green
Q68000A8093


Similar Part No. - Q68000A8093

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q68000A8000 OSRAM-Q68000A8000 Datasheet
182Kb / 7P
   GaAlAs-Infrarot-Sendediode
More results

Similar Description - Q68000A8093

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
HSDP2110S OSRAM-HSDP2110S Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
logo
Siemens Semiconductor G...
DL1414T SIEMENS-DL1414T Datasheet
333Kb / 4P
   4-Character 16 Segment Plus Decimal Alphanumeric intelligent Display With Memory/Decoder/Driver
SL1814 SIEMENS-SL1814 Datasheet
207Kb / 4P
   112 RED, 8-DIGIT 17-SEGMENT ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
DL3416 SIEMENS-DL3416 Datasheet
767Kb / 6P
   .224 Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
DL-3416 SIEMENS-DL-3416 Datasheet
425Kb / 6P
   .225" Red, 4-Character 16 Segment Plus Decimal Alphanumeric Intelligent Display With Memory/Decoder/Driver
logo
OSRAM GmbH
Q68000A8643 OSRAM-Q68000A8643 Datasheet
416Kb / 10P
   X/Y Stackable 0.180?쇺? 4-Digit 5x7 Dot Matrix Alphanumeric Intelligent Display짰 Devices with Memory/Decoder/Driver
logo
Siemens Semiconductor G...
MDL2416C SIEMENS-MDL2416C Datasheet
265Kb / 8P
   15 RED, 4-DIGIT, 16 SEGMENT PLUS DECIMAL HI-REL/MILITARY ALPHANUMERIC INTELLIGENT DISPLAY WITH MEMORY/DECODER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com