Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-19401G50A-K8T2U4 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-19401G50A-K8T2U4
Description  Watchdog operation voltage range
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19401G50A-K8T2U4 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-19401G50A-K8T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 10Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 11Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 12Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 13Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 14Page - Seiko Instruments Inc S-19401G50A-K8T2U4 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
FOR AUTOMOTIVE 125°C OPERATION LOW CURRENT CONSUMPTION WATCHDOG TIMER WITH RESET FUNCTION
Rev.2.1_00
S-19400/19401 Series
11
Table 9 (2 / 2)
(WEN pin logic active "H" product, VDD = 5.0 V, Ta =
−40°C to +125°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Input pin current 1 "H"
ISH1
WEN pin,
VDD = 6.0 V,
Input pin voltage = 6.0 V
A / B / C
/ G / H / I
type
0.3
1.0
μA
15
D / E / F
/ J / K / L
type
−0.1
0.1
μA
15
Input pin current 1 "L"
ISL1
WEN pin, VDD = 6.0 V,
Input pin voltage = 0 V
−0.1
0.1
μA
15
Input pin current 2 "H"
ISH2
W
___
/ T pin, S-19400 Series only,
VDD = 6.0 V, Input pin voltage = 6.0 V
0.3
1.0
μA
15
Input pin current 2 "L"
ISL2
W
___
/ T pin, S-19400 Series only,
VDD = 6.0 V, Input pin voltage = 0 V
−0.1
0.1
μA
15
Input pin current 3 "H"
ISH3
WDI pin, VDD = 6.0 V,
Input pin voltage = 6.0 V
0.3
1.0
μA
15
Input pin current 3 "L"
ISL3
WDI pin, VDD = 6.0 V,
Input pin voltage = 0 V
−0.1
0.1
μA
15
Input pulse width "H"
*2
thigh1
1.5
μs
15
Input pulse width "L"
*2
tlow1
1.5
μs
15
Watchdog output delay time
tWOUT
25
40
μs
3
Reset output delay time
tROUT
25
40
μs
3
Input setup time
tiset
1.0
μs
3
*1.
−VDET: Actual detection voltage, −VDET(S): Set detection voltage
*2. The input pulse width "H" (thigh1) and the input pulse width "L" (tlow1) are defined as shown in Figure 7.
Inputs to the WEN pin and the WDI pin should be greater than or equal to the min. value specified in " Electrical
Characteristics".
thigh1
tlow1
VSH3
VSH3
VSL3
VSL3
WEN
WDI
thigh1
tlow1
VSH1
VSH1
VSL1
VSL1
Figure 7


Similar Part No. - S-19401G50A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-M5T2U SII-S-19100C12A-M5T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   BUILT-IN DELAY CIRCUIT
S-19100C12A-N4T2U SII-S-19100C12A-N4T2U Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S-19100C12H-I4T1U SII-S-19100C12H-I4T1U Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results

Similar Description - S-19401G50A-K8T2U4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G132G-AE5-R UTC-U74AHC1G132G-AE5-R Datasheet
188Kb / 5P
   Operation voltage range
logo
ATMEL Corporation
AT27BV010 ATMEL-AT27BV010_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27BV1024 ATMEL-AT27BV1024_14 Datasheet
727Kb / 12P
   Dual voltage range operation
AT27LV020A ATMEL-AT27LV020A_14 Datasheet
769Kb / 12P
   Dual voltage range operation
AT27BV020 ATMEL-AT27BV020_14 Datasheet
864Kb / 13P
   Dual voltage range operation
AT27BV512 ATMEL-AT27BV512_14 Datasheet
884Kb / 13P
   Dual voltage range operation
AT27LV040A ATMEL-AT27LV040A_14 Datasheet
770Kb / 12P
   Dual voltage range operation
AT27LV512A ATMEL-AT27LV512A_14 Datasheet
763Kb / 12P
   Dual voltage range operation
AT27LV520 ATMEL-AT27LV520_14 Datasheet
261Kb / 13P
   Dual Voltage Range Operation
AT27LV010A ATMEL-AT27LV010A_14 Datasheet
785Kb / 12P
   Dual voltage range operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com