Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDP2111S Datasheet(PDF) 4 Page - OSRAM GmbH

Part # HSDP2111S
Description  Alphanumeric Intelligent Display Devices
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HSDP2111S Datasheet(HTML) 4 Page - OSRAM GmbH

  HSDP2111S Datasheet HTML 1Page - OSRAM GmbH HSDP2111S Datasheet HTML 2Page - OSRAM GmbH HSDP2111S Datasheet HTML 3Page - OSRAM GmbH HSDP2111S Datasheet HTML 4Page - OSRAM GmbH HSDP2111S Datasheet HTML 5Page - OSRAM GmbH HSDP2111S Datasheet HTML 6Page - OSRAM GmbH HSDP2111S Datasheet HTML 7Page - OSRAM GmbH HSDP2111S Datasheet HTML 8Page - OSRAM GmbH HSDP2111S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2006-01-23
4
HSDP2110S, HSDP2111S, HSDP2112S, HSDP2113S, HSDP2114S, HSDP2115S
Write Cycle Timing Diagram (Input pulse levels –0.6 V to 2.4 V)
Read Cycle Timing Diagram
Switching Specifications
(over operating temperature range and V
CC=4.5 V)
Symbol
Description
Min.
Units Symbol
Description
Min.
Units
T
acc
Display Access Time—Write
210
ns
T
dh
Data Write Time
20
ns
T
acc
Display Access Time—Read
230
ns
T
r
Chip Enable Active Prior to Valid Data
160
ns
T
acs
Address Setup Time to CE
10
ns
T
rd
Read Active Prior to Valid Data
95
µs
T
ce
Chip Enable Active Time—Write
140
ns
T
df
Read Data Float Delay
10
ns
T
ce
Chip Enable Active Time—Read
160
ns
T
rc
Reset Active Time
300
ns
T
ach
Address Hold Time to CE
20
ns
T
w
Write Active Time
100
ns
T
ces
Chip Enable Active Prior to
Rising Edge—Write
140
ns
T
wd
Data Valid Prior to
Rising Edge of Write Signal
50
ns
T
ces
Chip Enable Active Prior to
Rising Edge—Read
160
ns
T
ceh
Chip Enable Hold to Rising Edge of
Read/Write Signal
0
ns
T
cer
Chip Enable Recovery Time
60
ns
Tacc
Twd
Tdh
Tw
Tces
Tcer
Tceh
Tacs
Tach
Tacs
A0-A3
FL
Tce
CE
WR
D0-D7
Input pulse levels —0.6 V to 2.4 v
Tacc
Trd
Tdf
Tr
Tces
Tcer
Tceh
Tacs
Tach
Tacs
A0-A3
FL
Tce
CE
RD
D0-D7


Similar Part No. - HSDP2111S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSD1159 HSMC-HSD1159 Datasheet
34Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
DLG Hanbit co.,Ltd.
HSD128M32B8A DLGHANBIT-HSD128M32B8A Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
HSD128M32B8A-13 DLGHANBIT-HSD128M32B8A-13 Datasheet
586Kb / 11P
   Synchronous DRAM Module 512Mbyte (128Mx32Bit), 8K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD128M72B9K HANBIT-HSD128M72B9K Datasheet
207Kb / 11P
   Synchronous DRAM Module 1024Mbyte (128Mx72Bit), 8K Ref., 3.3V ECC Unbuffered SO-DIMM,
More results

Similar Description - HSDP2111S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLO2016 INFINEON-SLO2016 Datasheet
459Kb / 5P
   Alphanumeric Intelligent Display DEVICES WITH MEMORY/DECODER/ DRIVER
March 23, 2000-01
logo
OSRAM GmbH
DLR3416 OSRAM-DLR3416 Datasheet
753Kb / 11P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
DLR1414 OSRAM-DLR1414 Datasheet
467Kb / 10P
   Alphanumeric Intelligent Display Devices with Memory/Decoder/Driver
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
   Alphanumeric Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
   Alphanumeric Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com