Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL520 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # PL520
Description  Green Laser Diode in TO38 ICut Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL520 Datasheet(HTML) 5 Page - OSRAM GmbH

  PL520 Datasheet HTML 1Page - OSRAM GmbH PL520 Datasheet HTML 2Page - OSRAM GmbH PL520 Datasheet HTML 3Page - OSRAM GmbH PL520 Datasheet HTML 4Page - OSRAM GmbH PL520 Datasheet HTML 5Page - OSRAM GmbH PL520 Datasheet HTML 6Page - OSRAM GmbH PL520 Datasheet HTML 7Page - OSRAM GmbH PL520 Datasheet HTML 8Page - OSRAM GmbH PL520 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Version 1.0
PL 520
28.05.2015
5
Spectra (B1)
Spektren (B1)
 = f (T
case)
Spectra (B2)
Spektren (B2)
 = f (T
case)
Threshold Current
Schwellstrom
I
th = f (Tcase)
Beam Divergence
Strahldivergenz
P
opt = f ( ), Tcase = 25°C
516
518
520
522
524
0,0
0,2
0,4
0,6
0,8
1,0
[nm]
T
case=20 °C
T
case=40 °C
T
case=60 °C
512
514
516
518
0,0
0,2
0,4
0,6
0,8
1,0
[nm]
T
case=20 °C
T
case=40 °C
T
case=60 °C
0
204060
35
40
45
50
55
60
65
70
75
B2
B1
T
case [°C]
-60
-40
-20
0
20
40
60
0,0
0,2
0,4
0,6
0,8
1,0
[deg]


Similar Part No. - PL520

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL520-1G13 P-TEC-PL520-1G13 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1G13-2 P-TEC-PL520-1G13-2 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1G13-2 P-TEC-PL520-1G13-2_14 Datasheet
78Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R12 P-TEC-PL520-1R12 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R12-2 P-TEC-PL520-1R12-2 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
More results

Similar Description - PL520

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PL520B OSRAM-PL520B Datasheet
298Kb / 7P
   Green Laser Diode in TO38 ICut Package
PL-520 OSRAM-PL-520 Datasheet
316Kb / 8P
   Green Laser Diode in TO38 ICut Package
PL-450B OSRAM-PL-450B Datasheet
413Kb / 9P
   Blue Laser Diode in TO38 ICut Package
PL450B OSRAM-PL450B Datasheet
413Kb / 9P
   Blue Laser Diode in TO38 ICut Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
   Green Laser Diode in TO56 Package
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
   Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
   Green Laser Diode in TO56 Package
PLT5-510 OSRAM-PLT5-510 Datasheet
252Kb / 7P
   Green Laser Diode in TO56 Package
logo
ams AG
PLT5510 AMSCO-PLT5510 Datasheet
1Mb / 17P
   Green Laser Diode in TO56 Package
Version 1.7 2021-06-23
logo
OSRAM GmbH
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
   Infrared Laser Diode in TO56 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com