Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q68000A8504 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q68000A8504
Description  Lead (Pb) Free Product - RoHS Compliant
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q68000A8504 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q68000A8504 Datasheet HTML 6Page - OSRAM GmbH Q68000A8504 Datasheet HTML 7Page - OSRAM GmbH Q68000A8504 Datasheet HTML 8Page - OSRAM GmbH Q68000A8504 Datasheet HTML 9Page - OSRAM GmbH Q68000A8504 Datasheet HTML 10Page - OSRAM GmbH Q68000A8504 Datasheet HTML 11Page - OSRAM GmbH Q68000A8504 Datasheet HTML 12Page - OSRAM GmbH Q68000A8504 Datasheet HTML 13Page - OSRAM GmbH Q68000A8504 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PDSP2110, PDSP2111, PDSP2112, PDSP2113, PDSP2114
2006-01-23
10
Power up Sequence
Upon power up display will come on at random. Thus the display
should be reset on power-up. The reset will clear the Flash RAM,
Control Word Register and reset the internal counter. All the dig-
its will show blanks and display brightness level will be 100%.
Microprocessor Interface
The interface to a microprocessor is through the 8-bit data bus
(D0-D7), the 4-bit address bus (A0-A3) and control lines FL, CE
and WR.
To write data (ASCII/ Control Word) into the display CE should be
held low, address and data signals stable and WR should be
brought low.
The Control Word is decoded by the Control Word Decode Logic.
Each code has a different function. The code for display brightness
changes the duty cycle for the column drivers. The peak LED cur-
rent stays the same but the average LED current diminishes
depending on the intensity level.
The character Flash Enable causes 2.0 Hz coming out of the
counter to be ANDED with column drive signal and makes the col-
umn driver to cycle at 2.0 Hz. Thus the character flashes at 2.0 Hz.
The display Blink works the same way as the Flash Enable but
causes all twenty column drivers to cycle at 2.0 Hz thereby making
all eight digits to blink at 2.0 Hz.
The Lamp Test causes the column drivers to run at 1/2 duty cycle
thus all the LEDs in all eight digits turn on at 50% intensity.
Clear bit clears the character RAM and writes a blank into the dis-
play memory. It however does not clear the control word.
ASCII Data or Control Word Data can be written into the display at
this point. For multiple display operation, CLK I/O must be properly
selected. CLK I/O will output the internal clock if CLKSEL=1, or will
allow input from an external clock if CLKSEL=0.
Data Input Commands
Signals
CE
WR
FL
A3
A2
A1
A0
Operation
1
X
XX
XX
X
X
1
XX
XX
X
No operation
No operation
0
0
10
00
0
Write Control Register
0
0
11
00
0
0
0
11
00
1
0
0
11
01
0
0
0
11
01
1
0
0
11
10
0
0
0
11
10
1
0
1
11
10
0
0
0
11
11
1
Digit 0 (left)
Digit 1
Digit 2
Digit 3
Digit 4
Digit 5
Digit 6
Digit 7 (right)
Write display data to
user RAM and Page
Select Register
D0–D6=ASCII Data
D7=0 Select ROM 1
D7=1 Select ROM 2
0
0
0X
00
0
0
0
0X
00
1
0
0
0X
01
0
0
0
0X
11
1
0
0
0X
10
0
0
0
0X
10
1
0
0
0X
11
0
0
0
0X
11
1
Digit 0 (left)
Digit 1
Digit 2
Digit 3
Digit 4
Digit 5
Digit 6
Digit 7 (right)
Write Flash RAM Register
D0=0 Flashing Charac. off
D0=1 Flashing Charac. on
D1–D7=X
X=Don’t care


Similar Part No. - Q68000A8504

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q68000A8560 OSRAM-Q68000A8560 Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
Q68000A8561 OSRAM-Q68000A8561 Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
Q68000A8562 OSRAM-Q68000A8562 Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
Q68000A8563 OSRAM-Q68000A8563 Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
Q68000A8564 OSRAM-Q68000A8564 Datasheet
977Kb / 16P
   Alphanumeric Intelligent Display Devices
More results

Similar Description - Q68000A8504

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com