Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6056 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # CBT-BGA-6056
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6056 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CBT-BGA-6056 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6056 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6056 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6056 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6056 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D
E
TOP VIEW
X
Y
A1
A
SIDE VIEW
Z
b
e
15.0000 (x4)
BOTTOM VIEW
0.10 M Z XY
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances per ASME Y14.5M-1994.
3. Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
4. Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
5. Parallelism measurement shall exclude any effect of mark on top surface of package.
Ironwood Package Code : BGA208C
DIM
Minimum Maximum
A
1
2.25
A1
0.37
0.57
b
0.5
0.7
D
17.0 +/- 0.2mm
E
17.0 +/- 0.2mm
e
1.00
ARRAY
16X16
PIN COUNT
208
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 10/26/2015
Material: N/A
Finish: N/A
Weight: 29.65
CBT-BGA-6056 Drawing
SCALE: 4:1
SHEET: 3 OF 5
ENG: V. Panavala
FILE: CBT-BGA-6056 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-6056

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6050 IRONWOOD-CBT-BGA-6050 Datasheet
353Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6051 IRONWOOD-CBT-BGA-6051 Datasheet
614Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6054 IRONWOOD-CBT-BGA-6054 Datasheet
403Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6055 IRONWOOD-CBT-BGA-6055 Datasheet
560Kb / 6P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-6057 IRONWOOD-CBT-BGA-6057 Datasheet
349Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6056

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com