Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-7009 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-7009
Description  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-7009 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-7009 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-7009 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-7009 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-7009 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-7009 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
17
18
14
15
20
16
1
3
13
6
7
8
4
5
2
10
9
11
12
19
21
21.725
2.50 (x4)
2.50 (x4)
1.61±0.05 (x4)
11.58
1.27
5.50
4.58
R1.27 all
1.59
INSULATION PLATE
ITEM NO.
DESCRIPTION
Material
1
Compression Plate, 13.95 X 13.95
7075-T6 Aluminum Alloy
2
SBT/CBT Ni plt Backing Plate, 14mm
7075-T6 Aluminum Alloy
3
BGA676 0.5mm pitch 27x27 array 14x14mm
FR4
4
Target PCB BGA676 0.5mm pitch 26x26 array
FR4
5
Insulation Plate
FR4 Standard
6
Floating Guide
PEEK Ceramic filled
7
Middle Pogo Guide
PEEK Ceramic filled
8
Bottom Pogo pin Guide
PEEK Ceramic filled
9
SBT Pin, SBT-BGA 0.5mm-0.8mm
10
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
11
Floating Guide Spring
Alloy Steel (SS)
12
#0-80, 90 deg., head pin guide screw, Peek
material 5.5715mm overall Length
PEEK unfilled
13
Socket Base
7075-T6 Aluminum Alloy
14
Clam Shell
7075-T6 Aluminum Alloy
15
Latch 10-17mm clamshell
7075-T6 Aluminum Alloy
16
Compression Plate
7075-T6 Aluminum Alloy
17
#0-80 X .625 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
18
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
19
Spring Clamshell lid assembly
Steel Music Wire
20
Hinge Pin and Snap Ring, 3mm OD, 25mm
long, SS
Stainless Steel (ferritic)
21
COMPRESSION SCREW, 17MM X M10
7075-T6 Aluminum Alloy
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 8/22/2012
Material: Material <not specified>
Finish: n/a
Weight: 85.19
CBT-BGA-7009 Drawing
SCALE: 3:1
SHEET: 4 OF 5
ENG: M. A. Fedde
FILE: CBT-BGA-7009
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-7009

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7002 IRONWOOD-CBT-BGA-7002 Datasheet
206Kb / 7P
   Minimum real estate required
CBT-BGA-7003 IRONWOOD-CBT-BGA-7003 Datasheet
355Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
CBT-BGA-7006 IRONWOOD-CBT-BGA-7006 Datasheet
976Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7008 IRONWOOD-CBT-BGA-7008 Datasheet
376Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-BGA-7009

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com