Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4052 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4052
Description  High Power Infrared Emitter (850 nm)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4052 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4052 Datasheet HTML 1Page - OSRAM GmbH SFH4052 Datasheet HTML 2Page - OSRAM GmbH SFH4052 Datasheet HTML 3Page - OSRAM GmbH SFH4052 Datasheet HTML 4Page - OSRAM GmbH SFH4052 Datasheet HTML 5Page - OSRAM GmbH SFH4052 Datasheet HTML 6Page - OSRAM GmbH SFH4052 Datasheet HTML 7Page - OSRAM GmbH SFH4052 Datasheet HTML 8Page - OSRAM GmbH SFH4052 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2013-11-29
4
Version 1.0
SFH 4052
Grouping (TA = 25 °C)
Gruppierung
Temperature coefficient of Ie or Φe
Temperaturkoeffizient von Ie bzw. Φe
(IF = 100 mA, tp = 20 ms)
(typ)
TCI
-0.5
% / K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 100 mA, tp = 20 ms)
(typ)
TCV
-0.7
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(IF = 100 mA, tp = 20 ms)
(typ)
TCλ
0.3
nm / K
Group
Min Radiant Intensity Max Radiant Intensity Typ Radiant Intensity
Gruppe
Min Strahlstärke
Max Strahlstärke
Typ Strahlstärke
IF=70 mA, tp = 20 ms
IF=70 mA, tp = 20 ms
IF = 1 A, tp = 25 µs
Ie, min [mW / sr]
Ie, max [mW / sr]
Ie,typ [mW / sr]
SFH 4052 - R
10
20
165
SFH 4052 - S
16
32
265
SFH 4052 - T
25
50
375
Note: measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 2:1).
Anm.: gemessen bei einem Raumwinkel Ω = 0.01 sr
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 2:1).
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit


Similar Part No. - SFH4052

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
130Kb / 7P
   GaAs-IR-Lumineszenzdiode
SFH4050 OSRAM-SFH4050 Datasheet
222Kb / 8P
   High Power Infrared Emitter (850 nm)
SFH4050 OSRAM-SFH4050 Datasheet
425Kb / 13P
   High Power Infrared Emitter
More results

Similar Description - SFH4052

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
   High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
   High Power Infrared Emitter (850 nm)
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4257R OSRAM-SFH4257R Datasheet
390Kb / 13P
   High Power Infrared Emitter (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com