Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPS28010WETRU Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPS28010WETRU
Description  4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS28010WETRU Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPS28010WETRU Datasheet HTML 1Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 2Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 3Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 4Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 5Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 6Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 7Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 8Page - COSMO  Electronics Corporation KPS28010WETRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P05003.3
- 5 -
http://www.cosmo-ic.com
cosmo
KPS28010W Series
4PIN SSOP LOW INPUT CURRENT
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
1
1
2
2
3
4
6
5
7
0.5m A
9
8
5m A
I =10m A
4
3
5
6
Ta=25°
1m A
C
0.1m A
F
- 5 5
0
0
5 0
2 5
5 0
1 1 5
7 5
I
= 0 . 5 m A
V
= 5 V
1 5 0
1 0 0
F
C E
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Collector-Emitter Saturation
Voltage vs. Forward Current
I = 1 0 m A
-5 5
0
0 .0 9
0 .1 2
0
0 .1 8
0 .1 5
0 .2 1
5 0
2 5
7 5
0 .2 4
0 .2 7
0 .3 0
F
Ic = 2 m A
1 0 0
1 1 5
0
4
0
8
1
2
3
5
4
6
7
C
T a= 25°
Ic= 7m A
Ic= 5m A
Ic= 3m A
Ic= 1 m A
Ic= 0 .5m A
2
6
10
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
vs. Load Resistance
Fig.11 Response Time (Fall)
vs. Load Resistance
0 . 1
0 . 2
0 . 5
0 . 1
1
1
2
5
1 0
t r
T a = 2 5 °
2 0
5 0
1 0 0
V c e = 5 V
I c = 2 m A
1 0
C
1
0 . 1
1 0
t f
V c e = 5 V
I c = 2 m A
T a = 2 5 °C
0 . 5
0 . 2
0 . 1
1
2
5
1 0
2 0
1 0 0
5 0
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - KPS28010WETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010W COSMO-KPS28010W Datasheet
169Kb / 6P
   4 Pin SSOP Low Input Current Photocoupler
More results

Similar Description - KPS28010WETRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS28010Z COSMO-KPS28010Z_15 Datasheet
220Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS28010T COSMO-KPS28010T_15 Datasheet
214Kb / 10P
   4PIN SSOP LOW INPUT CURRENT PHOTOCOUPLER
KPS2832 COSMO-KPS2832_15 Datasheet
221Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2805 COSMO-KPS2805_15 Datasheet
230Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2806 COSMO-KPS2806_15 Datasheet
228Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KPS2801 COSMO-KPS2801_15 Datasheet
219Kb / 10P
   4PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPS2802 COSMO-KPS2802_15 Datasheet
222Kb / 10P
   4PIN SSOP PHOTODARLINGTON PHOTOCOUPLER
KT101Z COSMO-KT101Z_16 Datasheet
177Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101T COSMO-KT101T_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
KT101W COSMO-KT101W_16 Datasheet
176Kb / 10P
   4PIN LSOP LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com