Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q68100A1472R Datasheet(PDF) 6 Page - OSRAM GmbH

Part # Q68100A1472R
Description  Lead (Pb) Free Product - RoHS Compliant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q68100A1472R Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button Q68100A1472R Datasheet HTML 2Page - OSRAM GmbH Q68100A1472R Datasheet HTML 3Page - OSRAM GmbH Q68100A1472R Datasheet HTML 4Page - OSRAM GmbH Q68100A1472R Datasheet HTML 5Page - OSRAM GmbH Q68100A1472R Datasheet HTML 6Page - OSRAM GmbH Q68100A1472R Datasheet HTML 7Page - OSRAM GmbH Q68100A1472R Datasheet HTML 8Page - OSRAM GmbH Q68100A1472R Datasheet HTML 9Page - OSRAM GmbH Q68100A1472R Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2010-04-13
6
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
Close Up of Data “Write” Cycle
Device Timing
Write Cycle Timing
(over operating temperature range, V
CC=VLL=4.5 V to 5.5 V)
Symbol
Description
Min.
Max.
Units
T
LDS
Load Setup Time
50
ns
T
DS
Data Setup Time
50
ns
T
SDCLK
Clock Period
200
ns
T
SDCW
(HI or LOW)
Clock Width
70
ns
T
LDH
Load Hold Time
0
ns
T
DH
Data Hold Time
25
ns
T
WR
Total Write Time
2.25
µs
T
BL
Time Between Writes
600
ns
T
RST
Reset Active Time
600
ns
Notes:
1.
T
WR=Setup Time + 8 Clock Times + Hold Times + Time Between Writes.
2.
Data is shifted into the display’s 8 bit shift register on the positive going edge of the SDCLK.
3.
Shift register data is evaluated when Load goes high.
LOAD
LOAD
DATA
DATA
SDCLK
SDCLK
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D0
BL
T
WR
T
OR


Similar Part No. - Q68100A1472R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68-U24-Xz ETC2-Q68-U24-Xz Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68-U36-Xz ETC2-Q68-U36-Xz Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68-U48-Xz ETC2-Q68-U48-Xz Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Siemens Semiconductor G...
Q6800-A6477 SIEMENS-Q6800-A6477 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
More results

Similar Description - Q68100A1472R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
   Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
   Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
   Lead (Pb) Free Product - RoHS Compliant
BPX38 OSRAM-BPX38_99 Datasheet
421Kb / 8P
   Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com