Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A2517 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # Q65110A2517
Description  GaAlAs Infrared Emitter in SMT Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A2517 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button Q65110A2517 Datasheet HTML 5Page - OSRAM GmbH Q65110A2517 Datasheet HTML 6Page - OSRAM GmbH Q65110A2517 Datasheet HTML 7Page - OSRAM GmbH Q65110A2517 Datasheet HTML 8Page - OSRAM GmbH Q65110A2517 Datasheet HTML 9Page - OSRAM GmbH Q65110A2517 Datasheet HTML 10Page - OSRAM GmbH Q65110A2517 Datasheet HTML 11Page - OSRAM GmbH Q65110A2517 Datasheet HTML 12Page - OSRAM GmbH Q65110A2517 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Version 1.0 (not for new design)
SFH 4283
2012-08-17
9
Reflow Soldering Profile
Reflow-Lötprofil
Preconditioning: JEDEC Level 2 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C
to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C
to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P to 100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation
DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax to TP
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480


Similar Part No. - Q65110A2517

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2523 OSRAM-Q65110A2523 Datasheet
174Kb / 9P
   Rote Lumineszenzdiode
More results

Similar Description - Q65110A2517

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH421 OSRAM-SFH421_02 Datasheet
77Kb / 7P
   GaAlAs Infrared Emitter in SMT Package
logo
Siemens Semiconductor G...
SFH421 SIEMENS-SFH421 Datasheet
53Kb / 5P
   GaAlAs-IR-Lumineszenzdiode in SMT-Gehause GaAlAs Infrared Emitter in SMT Package
logo
Vishay Siliconix
TSMF3700 VISHAY-TSMF3700 Datasheet
126Kb / 6P
   GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 1.4, 08-Mar-05
logo
List of Unclassifed Man...
SFH4289 ETC-SFH4289 Datasheet
61Kb / 6P
   GaAlAs-IR-Lumineszenzdiode in SMT-Geh짰se mit Linse GaAlAs Infrared Emitter in SMT Package with lens
logo
OSRAM GmbH
SFH-425 OSRAM-SFH-425 Datasheet
272Kb / 14P
   GaAs Infrared Emitter in SMT Package
SFH-420 OSRAM-SFH-420 Datasheet
275Kb / 14P
   GaAs Infrared Emitter in SMT Package
SFH420 OSRAM-SFH420_01 Datasheet
138Kb / 7P
   GaAs Infrared Emitter in SMT Package
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
246Kb / 8P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 06-Jun-03
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 20-May-99
logo
Siemens Semiconductor G...
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
   GaAlAs INFRARED EMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com