Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT22DTR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100ELT22DTR2
Description  5VDual TTL to Differential PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT22DTR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100ELT22DTR2 Datasheet HTML 1Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 2Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 3Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 4Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 5Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 6Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 7Page - ON Semiconductor MC100ELT22DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
October, 2000 – Rev. 4
1
Publication Order Number:
MC10ELT22/D
MC10ELT22, MC100ELT22
5VDual TTL to Differential
PECL Translator
The MC10ELT/100ELT22 is a dual TTL to differential PECL
translator. Because PECL (Positive ECL) levels are used only +5 V
and ground are required. The small outline 8-lead package and the low
skew, dual gate design of the ELT22 makes it ideal for applications
which require the translation of a clock and a data signal.
1.2 ns Typical Propagation Delay
<300 ps Typical Output to Output Skew
PNP TTL Inputs for Minimal Loading
Flow Through Pinouts
ESD Protection: >2 KV HBM, >200 V MM
Operating Range: V
CC= 4.75 V to 5.25 V with GND= 0 V
No Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 51 devices
1
2
3
45
6
7
8
D0
GND
VCC
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
Q0
D1
Q1
Q1
Q0
PECL
TTL
PIN
FUNCTION
Qn, Qn
PECL Differential Outputs*
Dn
TTL Inputs
VCC
Positive Supply
GND
Ground
PIN DESCRIPTION
* Output state undetermined when inputs are open.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10ELT22D
SO–8
98 Units/Rail
MC10ELT22DR2
SO–8
2500 Tape & Reel
MC100ELT22D
SO–8
98 Units/Rail
MC100ELT22DR2
SO–8
2500 Tape & Reel
MC10ELT22DT
TSSOP–8
98 Units/Rail
MC10ELT22DTR2
TSSOP–8
2500 Tape & Reel
MC100ELT22DT
TSSOP–8
98 Units/Rail
MC100ELT22DTR2 TSSOP–8
2500 Tape & Reel
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
H = MC10
K = MC100
A = Assembly Location
SO–8
D SUFFIX
CASE 751
MARKING
DIAGRAMS*
TSSOP–8
DT SUFFIX
CASE 948R
1
8
1
8
ALYW
KLT22
1
8
HLT22
1
8
ALYW
ALYW
HT22
1
8
ALYW
KT22
1
8


Similar Part No. - MC100ELT22DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT22DTR2 ONSEMI-MC100ELT22DTR2 Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC100ELT22DTR2G ONSEMI-MC100ELT22DTR2G Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC100ELT22DTR2G ONSEMI-MC100ELT22DTR2G Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com