Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A4266 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q65111A4266
Description  Narrow beam LED in Mini MIDLED package (940 nm)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4266 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q65111A4266 Datasheet HTML 6Page - OSRAM GmbH Q65111A4266 Datasheet HTML 7Page - OSRAM GmbH Q65111A4266 Datasheet HTML 8Page - OSRAM GmbH Q65111A4266 Datasheet HTML 9Page - OSRAM GmbH Q65111A4266 Datasheet HTML 10Page - OSRAM GmbH Q65111A4266 Datasheet HTML 11Page - OSRAM GmbH Q65111A4266 Datasheet HTML 12Page - OSRAM GmbH Q65111A4266 Datasheet HTML 13Page - OSRAM GmbH Q65111A4266 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Version 1.3
SFH 4441
2015-11-23
11
Transportation Packing and Materials
Dimensions of transportation box in mm
Width
Length
Height
200 ± 5
195 ± 5
30 ± 5
OHA02044
1
0
1
1
210021998
0
2
4 5
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label


Similar Part No. - Q65111A4266

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4103 OSRAM-Q65111A4103 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4104 OSRAM-Q65111A4104 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4105 OSRAM-Q65111A4105 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4188 OSRAM-Q65111A4188 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
Q65111A4190 OSRAM-Q65111A4190 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - Q65111A4266

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4646 OSRAM-SFH4646 Datasheet
443Kb / 13P
   Narrow beam LED in MIDLED package (940 nm)
SFH4641 OSRAM-SFH4641 Datasheet
452Kb / 13P
   Narrow beam LED in MIDLED package (940 nm)
SFH4647 OSRAM-SFH4647 Datasheet
395Kb / 13P
   Narrow beam LED in MIDLED package (940 nm)
SFH4451 OSRAM-SFH4451 Datasheet
727Kb / 13P
   Narrow beam LED in Mini MIDLED package (850 nm)
SFH-4441 OSRAM-SFH-4441 Datasheet
729Kb / 14P
   Narrow beam LED in Mini MIDLED package
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
   Narrow beam LED in Mini MIDLED package
SFH4656 OSRAM-SFH4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package (850 nm)
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com