Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A4266 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # Q65111A4266
Description  Narrow beam LED in Mini MIDLED package (940 nm)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4266 Datasheet(HTML) 3 Page - OSRAM GmbH

  Q65111A4266 Datasheet HTML 1Page - OSRAM GmbH Q65111A4266 Datasheet HTML 2Page - OSRAM GmbH Q65111A4266 Datasheet HTML 3Page - OSRAM GmbH Q65111A4266 Datasheet HTML 4Page - OSRAM GmbH Q65111A4266 Datasheet HTML 5Page - OSRAM GmbH Q65111A4266 Datasheet HTML 6Page - OSRAM GmbH Q65111A4266 Datasheet HTML 7Page - OSRAM GmbH Q65111A4266 Datasheet HTML 8Page - OSRAM GmbH Q65111A4266 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.3
SFH 4441
2015-11-23
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 100 mA, tp = 20 ms)
(typ)
TCI
-0.5
% / K
Temperature coefficient of V
F
(I
F = 100 mA, tp = 20 ms)
(typ)
TC
V
-1.3
mV / K
Temperature coefficient of wavelength
(IF = 100 mA, tp = 20 ms)
(typ)
TC
λ
0.3
nm / K
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
IF = 100 mA, tp= 20 ms
IF = 100 mA, tp= 20 ms
IF = 1 A, tp = 25 µs
Ie, min [mW / sr]
Ie, max [mW / sr]
Ie, typ [mW / sr]
SFH 4441-T
25
50
300
SFH 4441-U
40
80
480
SFH 4441-V
63
125
750
SFH 4441-AW
100
200
1200
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 2:1).
Parameter
Symbol
Values
Unit


Similar Part No. - Q65111A4266

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4103 OSRAM-Q65111A4103 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4104 OSRAM-Q65111A4104 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4105 OSRAM-Q65111A4105 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4188 OSRAM-Q65111A4188 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
Q65111A4190 OSRAM-Q65111A4190 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - Q65111A4266

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4646 OSRAM-SFH4646 Datasheet
443Kb / 13P
   Narrow beam LED in MIDLED package (940 nm)
SFH4641 OSRAM-SFH4641 Datasheet
452Kb / 13P
   Narrow beam LED in MIDLED package (940 nm)
SFH4647 OSRAM-SFH4647 Datasheet
395Kb / 13P
   Narrow beam LED in MIDLED package (940 nm)
SFH4451 OSRAM-SFH4451 Datasheet
727Kb / 13P
   Narrow beam LED in Mini MIDLED package (850 nm)
SFH-4441 OSRAM-SFH-4441 Datasheet
729Kb / 14P
   Narrow beam LED in Mini MIDLED package
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
   Narrow beam LED in Mini MIDLED package
SFH4656 OSRAM-SFH4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package (850 nm)
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com