Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF5CWM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF5CWM
Description  MF5 Universal Monolithic Switched Capacitor Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF5CWM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MF5CWM Datasheet HTML 1Page - National Semiconductor (TI) MF5CWM Datasheet HTML 2Page - National Semiconductor (TI) MF5CWM Datasheet HTML 3Page - National Semiconductor (TI) MF5CWM Datasheet HTML 4Page - National Semiconductor (TI) MF5CWM Datasheet HTML 5Page - National Semiconductor (TI) MF5CWM Datasheet HTML 6Page - National Semiconductor (TI) MF5CWM Datasheet HTML 7Page - National Semiconductor (TI) MF5CWM Datasheet HTML 8Page - National Semiconductor (TI) MF5CWM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Va b Vb)
14V
Power Dissipation TA e 25 C (note 1)
500 mW
Storage Temp
150 C
Soldering Information
N Package
10 sec
260 C
SO Package
Vapor phase (60 sec)
215 C
Infrared (15 sec)
220 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
Input Voltage (any pin)
Vb s Vin s Va
Operating Temp Range
TMIN s TA s TMAX
MF5CN MF5CWM
0 C s TA s 70 C
Electrical Characteristics Va e 5V g 05% Vb eb5V g 05% unless otherwise noted Boldface limits
apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Supply Voltage
Min
8
V
(Va b Vb)
Max
14
V
Maximum Supply Current
Clock applied to Pin 8
45
60
mA
No Input Signal
Clock
Filter Output
10
mV
Feedthrough
Op-amp Output
10
mV
Filter Electrical Characteristics Va e 5Vg 05% Vb eb5Vg 05% unless otherwise noted Boldface
limits apply over temperature TMIN s TA s TMAX For all other limits TA e 25 C
Typical
Tested
Design
Parameter
Conditions
(Note 6)
Limit
Limit
Units
(Note 7)
(Note 8)
Center Frequency
Max
30
20
kHz
Range (fo)
Min
01
02
Hz
Clock Frequency
Max
15
10
MHz
Range (fCLK)
Min
50
10
Hz
Clock to Center
Ideal
Vpin9 ea5V
5011 g 02%
5011 g 15%
Frequency Ratio
Qe10
FCLKe250 kHz
(fCLK fo)
Mode 1
Vpin9 eb5V
10004 g 02%
10004 g 15%
FCLKe500 kHz
fCLK fo Temp
Vpin9 ea5V
g
10
ppm C
Coefficient
(501 CLK ratio)
Vpin9 eb5V
g
20
ppm C
(1001 CLK ratio)
Q Accuracy (Max)
Ideal
Vpin9 ea5V
g
10
%
(Note 2)
Qe10
FCLKe250 kHz
Mode 1
Vpin9 eb5V
g
10
%
FCLKe500 kHz
Q Temperature
Vpin9 ea5V
b
200
ppm C
Coefficient
(501 CLK ratio)
Vpin9 eb5V
b
70
ppm C
(1001 CLK ratio)
DC Lowpass Gain
Mode 1
g
02
dB
Accuracy (Max)
R1 e R2 e 10 kX
DC Offset
Vos1
g
50
mV
Voltage (Max)
Vos2
Vpin9 ea5V
b
185
mV
Vos3
(501 CLK ratio)
a
115
mV
(Note 3)
Vos2
Vpin9 eb5V
b
310
mV
Vos3
(1001 CLK ratio)
a
240
mV
2


Similar Part No. - MF5CWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MF5CWM TI1-MF5CWM Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
More results

Similar Description - MF5CWM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MF5 TI1-MF5 Datasheet
542Kb / 18P
[Old version datasheet]   Universal Monolithic Switched Capacitor Filter
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10 TI1-MF10 Datasheet
770Kb / 30P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI1-MF10-N_14 Datasheet
1Mb / 36P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
MF10-N TI-MF10-N_15 Datasheet
1Mb / 35P
[Old version datasheet]   MF10-N Universal Monolithic Dual Switched Capacitor Filter
logo
Maxim Integrated Produc...
MF10 MAXIM-MF10 Datasheet
683Kb / 16P
   Kual Universal Switched Capacitor Filter
19-1067; Rev 1; 7/96
logo
Linear Technology
LTC1059 LINER-LTC1059_09 Datasheet
120Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059 LINER-LTC1059 Datasheet
462Kb / 8P
   High Performance Switched Capacitor Universal Filter
LTC1059CS LINER-LTC1059CS Datasheet
175Kb / 3P
   High Performance Switched Capacitor Universal Filter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com