Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4546 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4546
Description  High Power Infrared Emitter (940 nm)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4546 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4546 Datasheet HTML 1Page - OSRAM GmbH SFH4546 Datasheet HTML 2Page - OSRAM GmbH SFH4546 Datasheet HTML 3Page - OSRAM GmbH SFH4546 Datasheet HTML 4Page - OSRAM GmbH SFH4546 Datasheet HTML 5Page - OSRAM GmbH SFH4546 Datasheet HTML 6Page - OSRAM GmbH SFH4546 Datasheet HTML 7Page - OSRAM GmbH SFH4546 Datasheet HTML 8Page - OSRAM GmbH SFH4546 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.3
SFH 4546
2015-12-23
3
Grouping (TA = 25 °C)
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
I
F= 100 mA, tp= 20 ms
I
F= 100 mA, tp= 20 ms
I
F = 1 A, tp = 25 µs
I
e, min [mW / sr]
I
e, max [mW / sr]
I
e, typ [mW / sr]
SFH 4546 -V
63
125
660
SFH 4546 -AW
100
200
1000
SFH 4546 -BW
160
320
1600
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 2:1).
Relative Spectral Emission 2) page 8
Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 8
Ie / Ie(100 mA) = f(IF), single pulse, tp = 25 µs,
TA= 25°C
800
0
nm
%
OHF04134
20
40
60
80
100
Irel
λ
850
900
950
1025
OHF03821
10
-3
mA
10
1
0
10
5
5
10
-1
-2
5
10
e
e
I
I
I
F
0
10
1
10
2
10
3
10
5
5
(100 mA)


Similar Part No. - SFH4546

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
   High Power Infrared Emitter (940nm) in SMR
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
   High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
SFH4542-BWCW AMSCO-SFH4542-BWCW Datasheet
1Mb / 17P
   High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
SFH4542-Z AMSCO-SFH4542-Z Datasheet
1Mb / 17P
   High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
logo
OSRAM GmbH
SFH4543 OSRAM-SFH4543 Datasheet
259Kb / 10P
   High Power Infrared Emitter (940nm) in SMR
More results

Similar Description - SFH4546

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4046 OSRAM-SFH4046 Datasheet
429Kb / 14P
   High Power Infrared Emitter (940 nm)
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
   High Power Infrared Emitter (940 nm)
SFH-4239 OSRAM-SFH-4239 Datasheet
189Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
logo
ams AG
SFH4180S AMSCO-SFH4180S Datasheet
1,005Kb / 17P
   High Power Infrared Emitter (940 nm)
Version 1.3 2021-10-25
logo
OSRAM GmbH
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4341 OSRAM-SFH4341 Datasheet
190Kb / 12P
   High Power Infrared Emitter (940 nm)
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com