Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A0506 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # Q65111A0506
Description  High Power Infrared Emitter (850nm) in SMR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A0506 Datasheet(HTML) 2 Page - OSRAM GmbH

  Q65111A0506 Datasheet HTML 1Page - OSRAM GmbH Q65111A0506 Datasheet HTML 2Page - OSRAM GmbH Q65111A0506 Datasheet HTML 3Page - OSRAM GmbH Q65111A0506 Datasheet HTML 4Page - OSRAM GmbH Q65111A0506 Datasheet HTML 5Page - OSRAM GmbH Q65111A0506 Datasheet HTML 6Page - OSRAM GmbH Q65111A0506 Datasheet HTML 7Page - OSRAM GmbH Q65111A0506 Datasheet HTML 8Page - OSRAM GmbH Q65111A0506 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2013-10-31
2
Version 1.1
SFH 4551
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
IF= 100 mA, tp= 20 ms
Ie [mW/sr]
SFH 4551
270 (≥ 100)
Q65111A0506
Note: Measured at a solid angle of Ω = 0.01 sr
Anm.: Gemessen bei einem Raumwinkel Ω = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 85
°C
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
100
mA
Surge current
Stoßstrom
(tp ≤ 100 μs, D = 0)
IFSM
1A
Total power dissipation
Verlustleistung
Ptot
180
mW
Electrostatic discharge (HBM)
Elektrostatische Entladung (HBM)
ESD
2
kV
Thermal resistance junction - ambient 1) page 12
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 12
RthJA
300
K / W


Similar Part No. - Q65111A0506

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A0541 OSRAM-Q65111A0541 Datasheet
429Kb / 14P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - Q65111A0506

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4558 OSRAM-SFH4558 Datasheet
308Kb / 12P
   Infrared Emitter (850nm) in SMR
SFH4542 OSRAM-SFH4542 Datasheet
272Kb / 12P
   High Power Infrared Emitter (940nm) in SMR
SFH4543 OSRAM-SFH4543 Datasheet
259Kb / 10P
   High Power Infrared Emitter (940nm) in SMR
logo
ams AG
SFH4542 AMSCO-SFH4542 Datasheet
1Mb / 17P
   High Power Infrared Emitter (940nm) in SMR® Package
Version 1.5 2022-08-08
logo
OSRAM GmbH
SFH-4551 OSRAM-SFH-4551 Datasheet
439Kb / 13P
   High Power Infrared Emitter (850nm) in SMR짰 Package
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4860 AVAGO-ASDL-4860 Datasheet
178Kb / 6P
   High Power Infrared Emitter (850nm) in Surface Mount Package
logo
CT Micro International ...
HIRP2013X10-B40 CTMICRO-HIRP2013X10-B40 Datasheet
788Kb / 9P
   SMD Type 850nm Infrared Emitter
HIRP1608Q09-H5 CTMICRO-HIRP1608Q09-H5 Datasheet
869Kb / 9P
   SMD Type 850nm Infrared Emitter
logo
Infineon Technologies A...
SFH4500 INFINEON-SFH4500 Datasheet
63Kb / 6P
   Schnelle IR-Lumineszenzdiode (950 nm) im SMR-Gehuse High-Speed Infrared Emitter (950 nm) in SMR Package
2000-01-01
logo
CT Micro International ...
HIRP3010Q20-B30 CTMICRO-HIRP3010Q20-B30 Datasheet
965Kb / 8P
   SMD Type 850nm Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com