Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4710 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH4710
Description  OSLON Compact (850nm)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4710 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH4710 Datasheet HTML 4Page - OSRAM GmbH SFH4710 Datasheet HTML 5Page - OSRAM GmbH SFH4710 Datasheet HTML 6Page - OSRAM GmbH SFH4710 Datasheet HTML 7Page - OSRAM GmbH SFH4710 Datasheet HTML 8Page - OSRAM GmbH SFH4710 Datasheet HTML 9Page - OSRAM GmbH SFH4710 Datasheet HTML 10Page - OSRAM GmbH SFH4710 Datasheet HTML 11Page - OSRAM GmbH SFH4710 Datasheet HTML 12Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2014-01-24
8
Version 1.2
SFH 4710
Recommended Solder Pad
Empfohlenes Lötpaddesign
Dimensions in mm (inch). / Maße in mm (inch).
Attention
For superior solder joint connectivity results we
recomment soldering under standard nitrogen
atmosphere. For further information please refer to
our Application Note: "Handling and Processing
Details for Ceramic LEDs". The device dissipates
heat on both solderpads equally.
Achtung
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter
Standardstickstoffatmoshäre zu löten. Weitere
Informationen finden Sie in der Applikationsschrift:
"Handling and Processing Details for Ceramic
LEDs". Das Bauteil gibt Abwärme über beide
Lötkontakte gleichermaßen ab.


Similar Part No. - SFH4710

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4713A OSRAM-SFH4713A Datasheet
710Kb / 13P
   OSLON Black Series (850 nm) - 90
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4714AR33 AMSCO-SFH4714AR33 Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
More results

Similar Description - SFH4710

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
   OSLON Compact
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
   OSLON Compact PL
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
   OSLON Compact PL
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
   OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
   OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
   OSLON Signal
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
   OSLON Signal
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
   OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
   OSLON Signal
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
   OSLON Square
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com