Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4710 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4710
Description  OSLON Compact (850nm)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4710 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4710 Datasheet HTML 1Page - OSRAM GmbH SFH4710 Datasheet HTML 2Page - OSRAM GmbH SFH4710 Datasheet HTML 3Page - OSRAM GmbH SFH4710 Datasheet HTML 4Page - OSRAM GmbH SFH4710 Datasheet HTML 5Page - OSRAM GmbH SFH4710 Datasheet HTML 6Page - OSRAM GmbH SFH4710 Datasheet HTML 7Page - OSRAM GmbH SFH4710 Datasheet HTML 8Page - OSRAM GmbH SFH4710 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2014-01-24
2
Version 1.2
SFH 4710
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Type:
Total Radiant Flux
Ordering Code
Typ:
Gesamtstrahlungsfluss
Bestellnummer
IF = 500 mA, tp = 10 ms
Φe [mW]
SFH 4710
>200 (typ. 270)
Q65111A4763
Note: Measured with integrating sphere.
Anm.: Gemessen mit Ulbrichtkugel.
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Junction temperature
Sperrschichttemperatur
Tj
125
°C
Reverse voltage
Sperrspannung
VR
1V
Forward current
Durchlassstrom
IF
500
mA
Surge current
Stoßstrom
(tp ≤ 1 ms, D = 0)
IFSM
1A
Power consumption
Leistungsaufnahme
Ptot
1000
mW
Thermal resistance junction - solder point
Wärmewiderstand Sperrschicht - Lötpad
RthJS
25
K / W
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2kV
Note:
For the forward current and power consumption please see "maximum permissible forward current" diagram
Anm.:
Für den Vorwärtsgleichstrom und die Leistungsaufnahme siehe auch das "maximal zulässige Durchlassstrom" Diagramm


Similar Part No. - SFH4710

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4713A OSRAM-SFH4713A Datasheet
710Kb / 13P
   OSLON Black Series (850 nm) - 90
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4714AR33 AMSCO-SFH4714AR33 Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
More results

Similar Description - SFH4710

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4710 OSRAM-SFH-4710 Datasheet
192Kb / 12P
   OSLON Compact
KYCELNM1.FY OSRAM-KYCELNM1.FY Datasheet
779Kb / 23P
   OSLON Compact PL
KW2CFLNM1.TG OSRAM-KW2CFLNM1.TG Datasheet
863Kb / 24P
   OSLON Compact PL
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
   OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
   OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
   OSLON Signal
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
   OSLON Signal
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
   OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
   OSLON Signal
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
   OSLON Square
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com