Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4713A Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH4713A
Description  OSLON Black Series (850 nm) - 90
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4713A Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH4713A Datasheet HTML 5Page - OSRAM GmbH SFH4713A Datasheet HTML 6Page - OSRAM GmbH SFH4713A Datasheet HTML 7Page - OSRAM GmbH SFH4713A Datasheet HTML 8Page - OSRAM GmbH SFH4713A Datasheet HTML 9Page - OSRAM GmbH SFH4713A Datasheet HTML 10Page - OSRAM GmbH SFH4713A Datasheet HTML 11Page - OSRAM GmbH SFH4713A Datasheet HTML 12Page - OSRAM GmbH SFH4713A Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Version 1.2
SFH 4713A
2016-01-29
11
Disclaimer
Language english will prevail in case of any discrepancies or deviations between the two language wordings.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any
costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components* may only be used in life-support devices** or systems with the express written approval of
OSRAM OS.
*) A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
**) Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or
maintain and sustain human life. If they fail, it is reasonable to assume that the health and the life of the user may be
endangered.


Similar Part No. - SFH4713A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4710 OSRAM-SFH4710 Datasheet
308Kb / 12P
   OSLON Compact (850nm)
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4714AR33 AMSCO-SFH4714AR33 Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
More results

Similar Description - SFH4713A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4715AS OSRAM-SFH4715AS Datasheet
780Kb / 14P
   OSLON Black Series (850 nm) - 90
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
   OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
logo
OSRAM GmbH
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
   OSLON Black Series (850 nm)
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
   OSLON Black Series (850 nm) - 150
SFH4716S OSRAM-SFH4716S Datasheet
498Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
   OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
logo
OSRAM GmbH
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
   OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com