Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A8235 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # Q65111A8235
Description  OSLON Black Series (850 nm) - 90
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A8235 Datasheet(HTML) 4 Page - OSRAM GmbH

  Q65111A8235 Datasheet HTML 1Page - OSRAM GmbH Q65111A8235 Datasheet HTML 2Page - OSRAM GmbH Q65111A8235 Datasheet HTML 3Page - OSRAM GmbH Q65111A8235 Datasheet HTML 4Page - OSRAM GmbH Q65111A8235 Datasheet HTML 5Page - OSRAM GmbH Q65111A8235 Datasheet HTML 6Page - OSRAM GmbH Q65111A8235 Datasheet HTML 7Page - OSRAM GmbH Q65111A8235 Datasheet HTML 8Page - OSRAM GmbH Q65111A8235 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2016-01-29
4
Version 1.2
SFH 4713A
Max. Permissible Forward Current
IF = f (TS), RthJS = 18 K/W
Forward Current 1) page 12
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Radiation Characteristics 1) page 12
Irel = f(ϕ), TA= 25°C
0
0
˚C
TS
F
I
mA
OHF05695
100
200
300
400
500
600
700
800
900
1100
20
40
60
80
100
130
1.6
1
10
-2
1.2
1.4
IF
A
V
V
1.8
F
2
OHF05620
10
-1
10
0
5
5
OHL04470
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - Q65111A8235

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A8232 OSRAM-Q65111A8232 Datasheet
403Kb / 24P
   3-colour displays, RGY displays
Q65111A8234 OSRAM-Q65111A8234 Datasheet
572Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
Q65111A8234 AMSCO-Q65111A8234 Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
More results

Similar Description - Q65111A8235

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4715AS OSRAM-SFH4715AS Datasheet
780Kb / 14P
   OSLON Black Series (850 nm) - 90
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
   OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
logo
OSRAM GmbH
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
   OSLON Black Series (850 nm)
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
   OSLON Black Series (850 nm) - 150
SFH4716S OSRAM-SFH4716S Datasheet
498Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
   OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
logo
OSRAM GmbH
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
   OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com