Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A8234 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65111A8234
Description  OSLON Black Series (850 nm) - 150
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A8234 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65111A8234 Datasheet HTML 5Page - OSRAM GmbH Q65111A8234 Datasheet HTML 6Page - OSRAM GmbH Q65111A8234 Datasheet HTML 7Page - OSRAM GmbH Q65111A8234 Datasheet HTML 8Page - OSRAM GmbH Q65111A8234 Datasheet HTML 9Page - OSRAM GmbH Q65111A8234 Datasheet HTML 10Page - OSRAM GmbH Q65111A8234 Datasheet HTML 11Page - OSRAM GmbH Q65111A8234 Datasheet HTML 12Page - OSRAM GmbH Q65111A8234 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2015-11-19
10
Version 1.1
SFH 4714A
Transportation Packing and Materials
Dimensions of transportation box in mm
Width
Length
Height
195 ± 5
195 ± 5
30 ± 5
OHA02044
1
0
1
1
210021998
0
2
4 5
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label


Similar Part No. - Q65111A8234

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65111A8234 AMSCO-Q65111A8234 Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
More results

Similar Description - Q65111A8234

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
   OSLON Black Series (850 nm) - 150
SFH4716S OSRAM-SFH4716S Datasheet
498Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
logo
OSRAM GmbH
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
   OSLON Black Series (850 nm)
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
SFH4715AS OSRAM-SFH4715AS Datasheet
780Kb / 14P
   OSLON Black Series (850 nm) - 90
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
   OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
   OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
logo
OSRAM GmbH
SFH4713A OSRAM-SFH4713A Datasheet
710Kb / 13P
   OSLON Black Series (850 nm) - 90
SFH4726S OSRAM-SFH4726S Datasheet
394Kb / 15P
   OSLON Black Series (940 nm) - 150
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com