Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4726S Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH4726S
Description  OSLON Black Series (940 nm) - 150
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4726S Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH4726S Datasheet HTML 4Page - OSRAM GmbH SFH4726S Datasheet HTML 5Page - OSRAM GmbH SFH4726S Datasheet HTML 6Page - OSRAM GmbH SFH4726S Datasheet HTML 7Page - OSRAM GmbH SFH4726S Datasheet HTML 8Page - OSRAM GmbH SFH4726S Datasheet HTML 9Page - OSRAM GmbH SFH4726S Datasheet HTML 10Page - OSRAM GmbH SFH4726S Datasheet HTML 11Page - OSRAM GmbH SFH4726S Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2014-08-06
8
Version 1.1
SFH 4726S
Note:
IRED is protected by ESD device which is
connected in parallel to chip.
Anm.:
Die IRED enthält ein ESD-Schutzbauteil, das
parallel zum Chip geschaltet ist.
Note:
Package is not suitalble for ultra sonic cleaning.
Anm.:
Das Gehäuse ist für Ultraschallreinigung nicht
geeignet.
Note:
Corrosion robustness better than EN
60068-2-60 (method 4): with enhanced
corrosion test: 40°C / 90%rh / 15ppm H2S / 336h
Anm.:
Korrosionsfestigkeit besser als EN 60068-2-60
(Methode 4): mit erweitertem Korrosionstest:
40°C / 90%rh / 15ppm H2S / 336h
Note:
Anode mark: Anode pad has chamfered edge,
which points to cathode
Anm.:
Anodenkennung: Anodenpad ist abgeschrägt
und weist zur Kathode
Approx. weight: 32 mg
Gewicht: 32 mg


Similar Part No. - SFH4726S

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH47267ASA01 AMSCO-SFH47267ASA01 Datasheet
1Mb / 21P
   OSLON Black Series (940 nm) - 110 ° x 135 °
Version 0.1 2023-03-02
More results

Similar Description - SFH4726S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4725S OSRAM-SFH4725S Datasheet
238Kb / 10P
   OSLON Black Series (940 nm)
logo
ams AG
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
   OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
logo
OSRAM GmbH
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
   OSLON Black Series (850 nm) - 150
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
   OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
logo
OSRAM GmbH
SFH4716S OSRAM-SFH4716S Datasheet
498Kb / 13P
   OSLON Black Series (850 nm) - 150
logo
ams AG
SFH47267ASA01 AMSCO-SFH47267ASA01 Datasheet
1Mb / 21P
   OSLON Black Series (940 nm) - 110 ° x 135 °
Version 0.1 2023-03-02
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
   OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
logo
OSRAM GmbH
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
   OSLON Black Series (850 nm)
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com