Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A4329 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # Q65111A4329
Description  Narrow beam LED in Dragon Dome package (850nm)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4329 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button Q65111A4329 Datasheet HTML 3Page - OSRAM GmbH Q65111A4329 Datasheet HTML 4Page - OSRAM GmbH Q65111A4329 Datasheet HTML 5Page - OSRAM GmbH Q65111A4329 Datasheet HTML 6Page - OSRAM GmbH Q65111A4329 Datasheet HTML 7Page - OSRAM GmbH Q65111A4329 Datasheet HTML 8Page - OSRAM GmbH Q65111A4329 Datasheet HTML 9Page - OSRAM GmbH Q65111A4329 Datasheet HTML 10Page - OSRAM GmbH Q65111A4329 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Version 1.4
SFH 4783
2015-01-27
7
Taping
Gurtung
Dimensions in mm. / Maße in mm.
Note:
Packing unit 100/reel, ø180 mm or 500/reel,
ø330 mm
Anm.:
Verpackungseinheit 100/Rolle, ø180 mm oder
500/Rolle, ø330 mm


Similar Part No. - Q65111A4329

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4103 OSRAM-Q65111A4103 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4104 OSRAM-Q65111A4104 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4105 OSRAM-Q65111A4105 Datasheet
1Mb / 25P
   White Goods Lighting
Q65111A4188 OSRAM-Q65111A4188 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
Q65111A4190 OSRAM-Q65111A4190 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - Q65111A4329

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
   Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
   Narrow beam LED in MIDLED package
SFH-4650 OSRAM-SFH-4650 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4685 OSRAM-SFH-4685 Datasheet
314Kb / 13P
   Narrow beam LED in MIDLED package
SFH4655 OSRAM-SFH4655 Datasheet
465Kb / 13P
   Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com