Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH4944 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4944
Description  Infrared Emitter Arrays (940 nm)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4944 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4944 Datasheet HTML 1Page - OSRAM GmbH SFH4944 Datasheet HTML 2Page - OSRAM GmbH SFH4944 Datasheet HTML 3Page - OSRAM GmbH SFH4944 Datasheet HTML 4Page - OSRAM GmbH SFH4944 Datasheet HTML 5Page - OSRAM GmbH SFH4944 Datasheet HTML 6Page - OSRAM GmbH SFH4944 Datasheet HTML 7Page - OSRAM GmbH SFH4944 Datasheet HTML 8Page - OSRAM GmbH SFH4944 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2015-01-16
2
Version 1.0
SFH 4942/ 4943/ 4944/ 4945/ 4946/ 4947/ 4948/ 4949/ 4940
Ordering Information
Bestellinformation
Maximum Ratings (T
A = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
I
F = 40 mA, tp = 20 ms
I
e [mW/sr]
SFH 4942
50 (≥ 16)
Q65111A6679
SFH 4943
50 (≥ 16)
Q65111A6680
SFH 4944
50 (≥ 16)
Q65111A6681
SFH 4945
50 (≥ 16)
Q65111A6682
SFH 4946
50 (≥ 16)
Q65111A6683
SFH 4947
50 (≥ 16)
Q65111A6684
SFH 4948
50 (≥ 16)
Q65111A6685
SFH 4949
50 (≥ 16)
Q65111A6686
SFH 4940
50 (≥ 16)
Q65111A6687
Note:
measured at a solid angle of Ω = 0.001 sr
Anm.:
gemessen bei einem Raumwinkel Ω = 0.001 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
T
op; Tstg
-40 ... 80
°C
Reverse voltage
Sperrspannung
V
R
5
V
Forward current
Durchlassstrom
I
F
40
mA
Surge current
Stoßstrom
(t
p ≤ 40 µs, D = 0)
I
FSM
1
A
Total power dissipation
Verlustleistung
P
tot
70
mW


Similar Part No. - SFH4944

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4940 AMSCO-SFH4940 Datasheet
1Mb / 16P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
logo
OSRAM GmbH
SFH4941 OSRAM-SFH4941 Datasheet
384Kb / 10P
   Infrared Emitter
SFH4941C OSRAM-SFH4941C Datasheet
233Kb / 10P
   Infrared Emitter
logo
ams AG
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
More results

Similar Description - SFH4944

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4942 AMSCO-SFH4942 Datasheet
1Mb / 14P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
logo
OSRAM GmbH
SFH-4940 OSRAM-SFH-4940 Datasheet
440Kb / 10P
   Infrared Emitter Arrays (940 nm)
logo
ams AG
SFH4940 AMSCO-SFH4940 Datasheet
1Mb / 16P
   Infrared Emitter Arrays (940 nm)
Version 1.3 2023-06-06
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
   Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
   Infrared Emitter (940 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
   Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com