Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BDW1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # BC847BDW1
Description  Dual General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847BDW1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button BC847BDW1 Datasheet HTML 3Page - ON Semiconductor BC847BDW1 Datasheet HTML 4Page - ON Semiconductor BC847BDW1 Datasheet HTML 5Page - ON Semiconductor BC847BDW1 Datasheet HTML 6Page - ON Semiconductor BC847BDW1 Datasheet HTML 7Page - ON Semiconductor BC847BDW1 Datasheet HTML 8Page - ON Semiconductor BC847BDW1 Datasheet HTML 9Page - ON Semiconductor BC847BDW1 Datasheet HTML 10Page - ON Semiconductor BC847BDW1 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BC846BDW1, BC847BDW1, BC848CDW1
www.onsemi.com
8
TYPICAL CHARACTERISTICS − BC848CDW1
0
0.4
0.8
1.2
1.6
2
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0001
0.001
0.01
0.1
IC, COLLECTOR CURRENT (A)
Figure 29. VBE(on) at VCE = 5 V
VCE = 5 V
150
°C
25
°C
−55
°C
10
100
1000
0.1
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 30. Current − Gain − Bandwidth
Product
VCE = 10 V
TA = 25°C
1
10
0.1
1
10
100
VR, REVERSE VOLTAGE (V)
Figure 31. Capacitances
Cob
Cib
TA = 25°C
IC =
10 mA
IC =
20 mA
IC =
50 mA
IC =
100 mA
TA = 25°C
IB, BASE CURRENT (mA)
Figure 32. Collector Saturation Region
0.1
1
10
100
IB, BASE CURRENT (mA)
Figure 33. Base−Emitter Temperature Coefficient
−0.2
−0.6
−1
−1.4
−1.8
−2.2
−2.6
−3
−55
°C to 150°C
qVB, for VBE
VCE = 5 V


Similar Part No. - BC847BDW1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC847BDW1T1 ONSEMI-BC847BDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC847BDW1T1 ETL-BC847BDW1T1 Datasheet
459Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
106Kb / 6P
   Dual General Purpose Transistors
June, 2004 ??Rev. 3
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
133Kb / 10P
   Dual General Purpose Transistors
July, 2010 ??Rev. 7
BC847BDW1T1G ONSEMI-BC847BDW1T1G Datasheet
144Kb / 11P
   Dual General Purpose Transistors
September, 2012 ??Rev. 9
More results

Similar Description - BC847BDW1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com