Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904WT1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MMBT3904WT1G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3904WT1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MMBT3904WT1G Datasheet HTML 5Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 6Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 7Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 8Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 9Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 10Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 11Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 12Page - ON Semiconductor MMBT3904WT1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MMBT3904WT1G, NPN, SMMBT3904WT1G, NPN, MMBT3906WT1G, PNP,
SMMBT3906WT1G, PNP
www.onsemi.com
9
MMBT3906WT1, SMMBT3906WT1
Figure 22. Delay and Rise Time
Equivalent Test Circuit
Figure 23. Storage and Fall Time
Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
+10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
TYPICAL TRANSIENT CHARACTERISTICS
TJ = 25°C
TJ = 125°C
Figure 24. Turn −On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V
MMBT3906WT1
Figure 25. Fall Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
MMBT3906WT1
TYPICAL AUDIO SMALL− SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = −5.0 Vdc, TA = 25°C, Bandwidth = 1.0 Hz)
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200
W
IC = 1.0 mA
SOURCE RESISTANCE = 200
W
IC = 0.5 mA
SOURCE RESISTANCE = 2.0 k
IC = 100 mA
SOURCE RESISTANCE = 2.0 k
IC = 50 mA
Figure 26.
f, FREQUENCY (kHz)
1.0
2.0
3.0
4.0
5.0
0.1
Figure 27.
RS, SOURCE RESISTANCE (kW)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4.0
6.0
8.0
10
2.0
12
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
MMBT3906WT1
MMBT3906WT1


Similar Part No. - MMBT3904WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904WT1G ONSEMI-MMBT3904WT1G Datasheet
166Kb / 12P
   General Purpose Transistors
January, 2011 ??Rev. 7
MMBT3904WT1G ONSEMI-MMBT3904WT1G Datasheet
236Kb / 12P
   General Purpose Transistors NPN and PNP Silicon
November, 2011 ??Rev. 8
More results

Similar Description - MMBT3904WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com