Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJVMJD340T4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NJVMJD340T4G
Description  High Voltage Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJVMJD340T4G Datasheet(HTML) 2 Page - ON Semiconductor

  NJVMJD340T4G Datasheet HTML 1Page - ON Semiconductor NJVMJD340T4G Datasheet HTML 2Page - ON Semiconductor NJVMJD340T4G Datasheet HTML 3Page - ON Semiconductor NJVMJD340T4G Datasheet HTML 4Page - ON Semiconductor NJVMJD340T4G Datasheet HTML 5Page - ON Semiconductor NJVMJD340T4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD340 (NPN), MJD350 (PNP)
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
8.33
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
80
°C/W
Leading Temperature for Soldering Purpose
TL
260
°C
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 3)
(IC = 1 mA, IB = 0)
VCEO(sus)
300
V
Collector Cutoff Current
(VCB = 300 V, IE = 0)
ICEO
0.1
mA
Emitter Cutoff Current
(VBE = 3 V, IC = 0)
IEBO
0.1
mA
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 50 mA, VCE = 10 V)
hFE
30
240
Collector−Emitter Saturation Voltage
(IC = 100 mA, IB = 10 mA)
VCE(sat)
1
V
Base−Emitter On Voltage
(IC = 1 A, VCE = 10 V)
VBE(on)
1.5
V
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(IC = 50 mA, VCE = 10 V, f = 10 MHz)
fT
10
MHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.


Similar Part No. - NJVMJD340T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJVMJD3055T4G ONSEMI-NJVMJD3055T4G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
NJVMJD3055T4G ONSEMI-NJVMJD3055T4G Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
NJVMJD31CG ONSEMI-NJVMJD31CG Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
NJVMJD31CRLG ONSEMI-NJVMJD31CRLG Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
NJVMJD31CT4G ONSEMI-NJVMJD31CT4G Datasheet
129Kb / 11P
   Complementary Power Transistors
July, 2013 ??Rev. 12
More results

Similar Description - NJVMJD340T4G

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
ON Semiconductor
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 10
NJVMJD50T4G ONSEMI-NJVMJD50T4G Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
logo
Boca Semiconductor Corp...
BU326 BOCA-BU326 Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD350TF FAIRCHILD-MJD350TF Datasheet
43Kb / 4P
   High Voltage Power Transistors
logo
ON Semiconductor
MJE2955T ONSEMI-MJE2955T_15 Datasheet
66Kb / 4P
   High Voltage Power Transistors
January, 2015 ??Rev. 12
MJD47 ONSEMI-MJD47_14 Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
MJD340 ONSEMI-MJD340_11 Datasheet
126Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 8
MJE4343G ONSEMI-MJE4343G Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
logo
TAITRON Components Inco...
TIP47 TAITRON-TIP47 Datasheet
179Kb / 4P
   NPN High Voltage Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com