Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVMMBT5551M3T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSVMMBT5551M3T5G
Description  NPN High Voltage Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMMBT5551M3T5G Datasheet(HTML) 2 Page - ON Semiconductor

  NSVMMBT5551M3T5G Datasheet HTML 1Page - ON Semiconductor NSVMMBT5551M3T5G Datasheet HTML 2Page - ON Semiconductor NSVMMBT5551M3T5G Datasheet HTML 3Page - ON Semiconductor NSVMMBT5551M3T5G Datasheet HTML 4Page - ON Semiconductor NSVMMBT5551M3T5G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT5551M3
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 3)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
160
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
180
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Collector Cutoff Current
(VCB = 120 Vdc, IE = 0)
(VCB = 120 Vdc, IE = 0, TA = 100°C)
ICBO
100
100
nAdc
mAdc
Emitter Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
50
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
(IC = 10 mAdc, VCE = 5.0 Vdc)
(IC = 50 mAdc, VCE = 5.0 Vdc)
hFE
80
80
30
250
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.15
0.20
Vdc
Base − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
1.0
1.0
Vdc
Collector Emitter Cut−off
(VCB = 10 V)
(VCB = 75 V)
ICES
50
100
nA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.


Similar Part No. - NSVMMBT5551M3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMMBT5087LT1G ONSEMI-NSVMMBT5087LT1G Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
NSVMMBT5087LT3G ONSEMI-NSVMMBT5087LT3G Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
NSVMMBT5088LT3G ONSEMI-NSVMMBT5088LT3G Datasheet
188Kb / 5P
   Low Noise Transistors
October, 2016 ??Rev. 6
NSVMMBT5401L ONSEMI-NSVMMBT5401L Datasheet
139Kb / 6P
   High Voltage Transistor
October, 2016 ??Rev. 13
NSVMMBT5401LT3G ONSEMI-NSVMMBT5401LT3G Datasheet
139Kb / 6P
   High Voltage Transistor
October, 2016 ??Rev. 13
More results

Similar Description - NSVMMBT5551M3T5G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com