Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVUMZ1NT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSVUMZ1NT1G
Description  Complementary Dual General Purpose Amplifier Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVUMZ1NT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSVUMZ1NT1G Datasheet HTML 1Page - ON Semiconductor NSVUMZ1NT1G Datasheet HTML 2Page - ON Semiconductor NSVUMZ1NT1G Datasheet HTML 3Page - ON Semiconductor NSVUMZ1NT1G Datasheet HTML 4Page - ON Semiconductor NSVUMZ1NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UMZ1NT1G
www.onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS: PNP TRANSISTOR
Figure 1. Collector Saturation Region
0−1
−2
−3
−4
−6
−5
−200
0
−40
VCE, COLLECTOR−EMITTER VOLTAGE (V)
−80
−120
−160
Figure 2. DC Current Gain
−1
−10
−100
−1000
1000
10
IC, COLLECTOR CURRENT (mA)
100
TA = 25°C
−2.0 mA
−1.5 mA
−1.0 mA
−0.5 mA
IB = −0.2 mA
VCE = −1.0 V
TA = 100°C
−25
°C
25
°C
Figure 3. DC Current Gain
−1
−10
−1000
−100
1000
10
IC, COLLECTOR CURRENT (mA)
100
Figure 4. VCE(sat) versus IC
−1
−10
−100
−1000
−1
−0.01
IC, COLLECTOR CURRENT (mA)
−0.1
IC/IB = 10
TA = 100°C
−25
°C
25
°C
TA = 100°C
−25
°C
25
°C
Figure 5. VBE(sat) versus IC
−1
−10
−1000
−100
−10
−0.1
IC, COLLECTOR CURRENT (mA)
−1
Figure 6. Base−Emitter Voltage
0
−0.1
−10,000
VBE, BASE−EMITTER VOLTAGE (V)
−0.1
COMMON EMITTER
VCE = 6 V
TA = 100°C
−25
°C
25
°C
TA = 25°C
IC/IB = 10
−1
−10
−100
−1000
−0.2 −0.3 −0.4 −0.5 −0.6 −0.7 −0.8 −0.9
−1
VCE = −6.0 V


Similar Part No. - NSVUMZ1NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVUMC2NT1G ONSEMI-NSVUMC2NT1G Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
NSVUMC2NT1G ONSEMI-NSVUMC2NT1G Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSVUMC3NT1G ONSEMI-NSVUMC3NT1G Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
NSVUMC3NT1G ONSEMI-NSVUMC3NT1G Datasheet
211Kb / 12P
   Dual Common Base-Collector Bias Resistor Transistors
January, 2022 ??Rev. 11
NSVUMC5NT2G ONSEMI-NSVUMC5NT2G Datasheet
178Kb / 11P
   Dual Common Base-Collector Bias Resistor Transistors
December, 2011 ??Rev. 10
More results

Similar Description - NSVUMZ1NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UMZ1NT1 ONSEMI-UMZ1NT1 Datasheet
68Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
May, 2006 ??Rev. 5
UMZ1NT1G ONSEMI-UMZ1NT1G Datasheet
105Kb / 5P
   Complementary Dual General Purpose Amplifier Transistor
October, 2009 ??Rev. 8
HN1B01FDW1T1G ONSEMI-HN1B01FDW1T1G Datasheet
69Kb / 6P
   Complementary Dual General Purpose Amplifier Transistor
June, 2016 ??Rev. 4
logo
Motorola, Inc
MD986 MOTOROLA-MD986 Datasheet
161Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR
logo
ON Semiconductor
NST847BPDP6T5G ONSEMI-NST847BPDP6T5G Datasheet
107Kb / 7P
   Dual Complementary General Purpose Transistor
May, 2008 ??Rev. 0
NST3946DP6T5G ONSEMI-NST3946DP6T5G_14 Datasheet
70Kb / 7P
   Dual Complementary General Purpose Transistor
June, 2014 ??Rev. 2
NST3946DP6T5G ONSEMI-NST3946DP6T5G Datasheet
109Kb / 7P
   Dual Complementary General Purpose Transistor
July, 2008 ??Rev. 1
logo
Pan Jit International I...
IMZ2A PANJIT-IMZ2A Datasheet
598Kb / 5P
   COMPLEMENTARY DUAL GENERAL PURPOSE AMPLIFIER TRANSIS
logo
ON Semiconductor
NST3946DXV6T1G ONSEMI-NST3946DXV6T1G Datasheet
172Kb / 12P
   Complementary General Purpose Transistor
July, 2012 ??Rev. 2
NST3946DXV6 ONSEMI-NST3946DXV6 Datasheet
125Kb / 12P
   Complementary General Purpose Transistor
July, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com