Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4463 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si4463
Description  HIGH-PERFORMANCE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4463 Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4463 Datasheet HTML 1Page - Silicon Laboratories Si4463 Datasheet HTML 2Page - Silicon Laboratories Si4463 Datasheet HTML 3Page - Silicon Laboratories Si4463 Datasheet HTML 4Page - Silicon Laboratories Si4463 Datasheet HTML 5Page - Silicon Laboratories Si4463 Datasheet HTML 6Page - Silicon Laboratories Si4463 Datasheet HTML 7Page - Silicon Laboratories Si4463 Datasheet HTML 8Page - Silicon Laboratories Si4463 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Rev 1.2 1/16
Copyright © 2016 by Silicon Laboratories
Si4464/63/62/61/60
Si4464/63/61/60
H IGH-P ERFORMANCE, L OW-C URRENT TRANSCEIVER
Features
Applications
Description
Silicon Laboratories' Si446x devices are high-performance, low-current
transceivers covering the sub-GHz frequency bands from 119 to 1050 MHz. The
radios are part of the EZRadioPRO® family, which includes a complete line of
transmitters, receivers, and transceivers covering a wide range of applications. All
parts offer outstanding sensitivity of –126 dBm while achieving extremely low
active and standby current consumption. The Si4463/61/60 offers frequency
coverage in all major bands. The Si4464 offers frequency coverage in bands not
covered by Si4463/61/60. Typically, these are non-standard frequencies or
licensed frequency bands. The Si446x includes optimal phase noise, blocking,
and selectivity performance for narrow band and licensed band applications, such
as FCC Part90 and 169 MHz wireless Mbus. The 60 dB adjacent channel
selectivity with 12.5 kHz channel spacing ensures robust receive operation in
harsh RF conditions, which is particularly important for narrow band operation.
The Si4464/63 offers exceptional output power of up to +20 dBm with outstanding
TX efficiency. The high output power and sensitivity results in an industry-leading
link budget of 146 dB allowing extended ranges and highly robust communication
links. The Si4460 active mode TX current consumption of 18 mA at +10 dBm and
RX current of 10 mA coupled with extremely low standby current and fast wake
times ensure extended battery life in the most demanding applications. The
Si4464/63 can achieve up to +27 dBm output power with built-in ramping control
of a low-cost external FET. The devices can meet worldwide regulatory standards:
FCC, ETSI, and ARIB. All devices are designed to be compliant with 802.15.4g
and WMbus smart metering standards. The devices are highly flexible and can be
configured via the Wireless Development Suite (WDS) available on the Silicon
Labs web site.
Frequency range = 119–1050 MHz
Receive sensitivity = –126 dBm
Modulation

(G)FSK, 4(G)FSK, (G)MSK

OOK
Max output power

+20 dBm (Si4464/63)

+16 dBm (Si4461)

+13 dBm (Si4460)
PA support for +27 or +30 dBm
Low active power consumption

10/13 mA RX

18 mA TX at +10 dBm (Si4460)
Ultra low current powerdown modes

30 nA shutdown, 50 nA standby
Data rate = 100 bps to 1 Mbps
Fast wake and hop times
Power supply = 1.8 to 3.6 V
Excellent selectivity performance

60 dB adjacent channel

75 dB blocking at 1 MHz
Antenna diversity and T/R switch control
Highly configurable packet handler
TX and RX 64 byte FIFOs
Auto frequency control (AFC)
Automatic gain control (AGC)
Low BOM
Low battery detector
Temperature sensor
20-Pin QFN package
IEEE 802.15.4g compliant
FCC Part 90 Mask D, FCC part 15.247,
15,231, 15,249, ARIB T-108, T-96, T-67,
RCR STD-30, China regulatory
ETSI Class-I Operation with SAW
Smart metering (802.15.4g & MBus)
Remote control
Home security and alarm
Telemetry
Garage and gate openers
Remote keyless entry
Home automation
Industrial control
Sensor networks
Health monitors
Electronic shelf labels
Patents pending
Pin Assignments
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 nSEL
SDI
SDO
SCLK
NC
SDN
TX
nIRQ
RXp
RXn


Similar Part No. - Si4463

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4463 ETC2-SI4463 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
Si4463 SILABS-Si4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Similar Description - Si4463

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com