Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4460 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si4460
Description  HIGH-PERFORMANCE
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4460 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si4460 Datasheet HTML 3Page - Silicon Laboratories Si4460 Datasheet HTML 4Page - Silicon Laboratories Si4460 Datasheet HTML 5Page - Silicon Laboratories Si4460 Datasheet HTML 6Page - Silicon Laboratories Si4460 Datasheet HTML 7Page - Silicon Laboratories Si4460 Datasheet HTML 8Page - Silicon Laboratories Si4460 Datasheet HTML 9Page - Silicon Laboratories Si4460 Datasheet HTML 10Page - Silicon Laboratories Si4460 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Si4464/63/61/60
Rev 1.2
7
RX Sensitivity
PRX_0.5
(BER < 0.1%)
(500 bps, GFSK, BT = 0.5,
f= 250Hz)3
—–126—
dBm
PRX_40
(BER < 0.1%)
(40 kbps, GFSK, BT = 0.5,
f= 20 kHz)3
—–110—
dBm
PRX_100
(BER < 0.1%)
(100 kbps, GFSK, BT = 0.5,
f= 50 kHz)1
—–106—
dBm
PRX_125
(BER < 0.1%)
(125 kbps, GFSK, BT = 0.5,
f= 62.5 kHz)3
—–105—
dBm
PRX_500
(BER < 0.1%)
(500 kbps, GFSK, BT = 0.5,
f= 250 kHz)3
–97
dBm
PRX_9.6
(PER 1%)
(9.6 kbps, 4GFSK, BT = 0.5,
f=  kHz)3,4
—–110—
dBm
PRX_1M
(PER 1%)
(1 Mbps, 4GFSK, BT = 0.5,
inner deviation = 83.3 kHz)3,4
–88
dBm
PRX_OOK
(BER < 0.1%, 4.8 kbps, 350 kHz BW,
OOK, PN15 data)3
—–110—
dBm
(BER < 0.1%, 40 kbps, 350 kHz BW,
OOK, PN15 data)3
—–104—
dBm
(BER < 0.1%, 120 kbps, 350 kHz BW,
OOK, PN15 data)3
–99
dBm
RX Channel Bandwidth5
BW
1.1
850
kHz
BER Variation vs Power
Level3
PRX_RES
Up to +5 dBm Input Level
0
0.1
ppm
RSSI Resolution
RESRSSI
—±0.5—
dB
Table 3. Receiver AC Electrical Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
2.
For applications that use the major bands covered by Si4463/61/60, customers should use those parts instead of
Si4464.
3.
Guaranteed by qualification. BER is specified for the 450–470 MHz band. Qualification test conditions are listed in the
"Qualification Test Conditions" section in "1.1. Definition of Test Conditions" on page 14.
4.
For PER tests, 48 preamble symbols, 4 byte sync word, 10 byte payload and CRC-32 was used. PER and BER tested
in the 450–470 MHz band.
5.
Guaranteed by bench characterization.


Similar Part No. - Si4460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4460 ETC2-SI4460 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4460 ETC2-SI4460 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4460 SILABS-Si4460 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4460 SILABS-SI4460 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
Si4460-B1B-FM SILABS-Si4460-B1B-FM Datasheet
243Kb / 3P
   Version 1.2 of the Si4464-63-61-60 datasheet is now available
More results

Similar Description - Si4460

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Silicon Laboratories
SI4463 SILABS-SI4463 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930_15 Datasheet
116Kb / 2P
   High Performance
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
logo
D+H Mechatronic AG
DXD150-K-BSY DH-DXD150-K-BSY Datasheet
443Kb / 3P
   High-performance
logo
Taoglas antenna solutio...
AP.10F.07.0039B TAOGLAS-AP.10F.07.0039B Datasheet
484Kb / 11P
   High performance
logo
ATMEL Corporation
AT6000 ATMEL-AT6000_14 Datasheet
841Kb / 28P
   High-performance
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931_15 Datasheet
116Kb / 2P
   High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Integrated Circuit Syst...
ICS3726-12 ICST-ICS3726-12 Datasheet
137Kb / 6P
   HIGH PERFORMANCE VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com