Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si8715BC-A-IP Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si8715BC-A-IP
Description  Industrial automation
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8715BC-A-IP Datasheet(HTML) 4 Page - Silicon Laboratories

  Si8715BC-A-IP Datasheet HTML 1Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 2Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 3Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 4Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 5Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 6Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 7Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 8Page - Silicon Laboratories Si8715BC-A-IP Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Si871x/2x
4
Rev. 1.0
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
VDD Supply Voltage
VDD
2.5
5.5
V
Input Current
IF(ON)
(See Figure 1)
6—
30
mA
Operating Temperature (Ambient)
TA
–40
125
°C
Table 2. Electrical Characteristics
VDD = 5 V; GND = 0 V; TA = –40 to +125 °C; typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Parameters
Supply Voltage
VDD
(VDD–GND)
2.5
5.5
V
Supply Current
IDD
Output high or low
(VDD = 2.5 to 5.5 V)
—1.5
mA
Input Current Threshold
IF(TH)
——
3.6
mA
Input Current
Hysteresis
IHYS
—0.34
mA
Input Forward Voltage
(OFF)
VF(OFF) Measured at ANODE with respect to
CATHODE.
——
1
V
Input Forward Voltage
(ON)
VF(ON) Measured at ANODE with respect to
CATHODE.
1.4
2.8
V
Input Capacitance
CI
f=100kHz,
VF =0V,
VF =2V
15
15
pF
pF
Logic Low Output
Voltage
VOL
IOL =4mA
0.2
0.4
V
Logic High Output
Voltage
VOH
IOH =–4mA
VDD - 0.4 VDD -
0.2
—V
Output Impedance
ZO
—50
Enable High Min
VEH
VDD - 0.4
V
Enable Low Max
VEL
——
0.4
V
Enable High Current
Draw
IEH
VDD =VEH =5V
0
µA
Enable Low Current
Draw
IEL
VDD =5V, VEL = 0 V
–30
0
µA
UVLO Threshold +
VDDUV+
See Figure 8 on page 16.
VDD rising
2.2
2.35
V
UVLO Threshold –
VDDUV–
See Figure 8 on page 16.
VDD falling
2
2.25
V
UVLO lockout
hysteresis
VDDHYS
50
100
mV


Similar Part No. - Si8715BC-A-IP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8715BC-A-IP SILABS-SI8715BC-A-IP Datasheet
1Mb / 35P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
logo
Skyworks Solutions Inc.
SI8715BC-A-IP SKYWORKS-SI8715BC-A-IP Datasheet
956Kb / 36P
   5 KV LED EMULATOR INPUT, LOGIC OUTPUT ISOLATORS
Rev. 1.01
More results

Similar Description - Si8715BC-A-IP

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDN481 BEL-LDN481 Datasheet
540Kb / 4P
   Industrial automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
   Industrial Automation Software
logo
Silicon Laboratories
SI863X SILABS-SI863X Datasheet
780Kb / 36P
   Industrial automation systems
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
   Industrial Automation IoT Gateway
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
   Industrial Automation Panel Mount Series
HA-1351-24NL LITEON-HA-1351-24NL Datasheet
432Kb / 3P
   Industrial Automation Panel Mount Series
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Lite-On Technology Corp...
HA-1201-24LF LITEON-HA-1201-24LF Datasheet
431Kb / 3P
   Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com