Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5351A Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5351A
Description  Supports static phase offset
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5351A Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5351A Datasheet HTML 1Page - Silicon Laboratories SI5351A Datasheet HTML 2Page - Silicon Laboratories SI5351A Datasheet HTML 3Page - Silicon Laboratories SI5351A Datasheet HTML 4Page - Silicon Laboratories SI5351A Datasheet HTML 5Page - Silicon Laboratories SI5351A Datasheet HTML 6Page - Silicon Laboratories SI5351A Datasheet HTML 7Page - Silicon Laboratories SI5351A Datasheet HTML 8Page - Silicon Laboratories SI5351A Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Rev. 1.0 4/15
Copyright © 2015 by Silicon Laboratories
Si5351A/B/C-B
Si5351A/B/C-B
I 2C-P ROGRAMMABLE A NY-F REQUENCY CMOS C LOCK
G ENERATOR + VCXO
Features
Applications
Description
The Si5351 is an I2C configurable clock generator that is ideally suited for replacing
crystals, crystal oscillators, VCXOs, phase-locked loops (PLLs), and fanout buffers in
cost-sensitive applications. Based on a PLL/VCXO + high resolution MultiSynth fractional
divider architecture, the Si5351 can generate any frequency up to 200 MHz on each of its
outputs with 0 ppm error. Three versions of the Si5351 are available to meet a wide
variety of applications. The Si5351A generates up to 8 free-running clocks using an
internal oscillator for replacing crystals and crystal oscillators. The Si5351B adds an
internal VCXO and provides the flexibility to replace both free-running clocks and
synchronous clocks. It eliminates the need for higher cost, custom pullable crystals while
providing reliable operation over a wide tuning range. The Si5351C offers the same
flexibility but synchronizes to an external reference clock (CLKIN).
Functional Block Diagram
 www.silabs.com/custom-timing
Generates up to 8 non-integer-related
frequencies from 2.5 kHz to 200 MHz
I2C user definable configuration
Exact frequency synthesis at each output
(0 ppm error)
Highly linear VCXO
Optional clock input (CLKIN)
Low output period jitter: < 70 ps pp, typ
Configurable spread spectrum selectable
at each output
Operates from a low-cost, fixed frequency
crystal: 25 or 27 MHz
Supports static phase offset
Programmable rise/fall time control
Glitchless frequency changes
Separate voltage supply pins provide
level translation:

Core VDD: 2.5 or 3.3 V

Output VDDO: 1.8, 2.5, or 3.3 V
Excellent PSRR eliminates external
power supply filtering
Very low power consumption
Adjustable output delay
Available in 2 packages types:
10-MSOP: 3 outputs
20-QFN (4x4 mm): 8 outputs
PCIE Gen 1 compatible
Supports HCSL compatible swing
HDTV, DVD/Blu-ray, set-top box
Audio/video equipment, gaming
Printers, scanners, projectors
Handheld Instrumentation
Residential gateways
Networking/communication
Servers, storage
XO replacement
R0
R1
CLK0
CLK1
VDDOA
R2
R3
CLK2
CLK3
VDDOB
R4
R5
CLK4
CLK5
VDDOC
R6
R7
CLK6
CLK7
VDDOD
MultiSynth
0
MultiSynth
1
MultiSynth
2
MultiSynth
3
MultiSynth
4
MultiSynth
5
MultiSynth
6
MultiSynth
7
PLL
A
PLL
B
XA
XB
OSC
CLKIN
SCL
SDA
Control
Logic
INTR
OEB
I
2C
Si5351C (20-QFN)
OSC
XA
XB
PLL
VCXO
R0
R1
CLK0
CLK1
VDDOA
R2
R3
CLK2
CLK3
VDDOB
R4
R5
CLK4
CLK5
VDDOC
R6
R7
CLK6
CLK7
VDDOD
MultiSynth
0
MultiSynth
1
MultiSynth
2
MultiSynth
3
MultiSynth
4
MultiSynth
5
MultiSynth
6
MultiSynth
7
VC
SCL
SDA
Control
Logic
OEB
SSEN
I
2C
Si5351B (20-QFN)
Ordering Information:
See page 29
10-MSOP
20-QFN


Similar Part No. - SI5351A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5351A SILABS-Si5351A Datasheet
1Mb / 20P
   Timing Selector Guide
SI5351A SILABS-SI5351A Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
List of Unclassifed Man...
Si5351A-A-GM ETC2-Si5351A-A-GM Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GT ETC2-Si5351A-A-GT Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
Si5351A-A-GU ETC2-Si5351A-A-GU Datasheet
45Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
More results

Similar Description - SI5351A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3910 IDT-IDT82V3910 Datasheet
183Kb / 13P
   Supports programmable input-to-output phase offset adjustment
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832 Datasheet
352Kb / 2P
   Supports RFID
logo
List of Unclassifed Man...
561-DMSP250 ETC2-561-DMSP250 Datasheet
79Kb / 2P
   PCB Supports
logo
Axiomtek Co., Ltd.
EBOX510-820-FL AXIOMTEK-EBOX510-820-FL Datasheet
353Kb / 1P
   Supports CompactFlash
logo
NXP Semiconductors
MC56F837XXDS NXP-MC56F837XXDS Datasheet
1Mb / 63P
   Supports MC56F837xx
Rev. 1.6, 09/2019
logo
AAEON Technology
GENE-BT06 AAEON-GENE-BT06 Datasheet
334Kb / 2P
   supports tpm
logo
NXP Semiconductors
MWCT1011B NXP-MWCT1011B Datasheet
892Kb / 81P
   Supports MWCT1011BVLH
Rev. 1, 06/2021
logo
Axiomtek Co., Ltd.
P1153-841 AXIOMTEK-P1153-841 Datasheet
345Kb / 2P
   Supports dimming control
P1158-831 AXIOMTEK-P1158-831 Datasheet
362Kb / 2P
   Supports dimming control
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com