Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si53321-B-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si53321-B-GM
Description  Output Enable option
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53321-B-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si53321-B-GM Datasheet HTML 1Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 2Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 3Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 4Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 5Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 6Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 7Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 8Page - Silicon Laboratories Si53321-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Si53320-28 Data Sheet
Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL
Outputs from Any-Format Input and Wide Frequency Range from
DC up to 1250 MHz
The Si53320–28 family of LVPECL fanout buffers is ideal for clock/data distribution and
redundant clocking applications. These devices feature typical ultra-low jitter character-
istics of 50 fs and operate over a wide frequency range from dc to 725/1250 MHz. Built-
in LDOs deliver high PSRR performance and reduce the need for external components,
simplifying low-jitter clock distribution in noisy environments.
The Si53320–28 family is available in multiple configurations, with some versions offer-
ing a selectable input clock using a 2:1 input mux. Other features include independent
output enable and built-in format translation. These buffers can be paired with the
Si534x clocks and Si5xx oscillators to deliver end-to-end clock tree performance.
KEY FEATURES
• Ultra-low additive jitter: 50 fs rms
• Built-in LDOs for high PSRR performance
• Up to 10 LVPECL Outputs
• Any-format Inputs (LVPECL, Low-power
LVPECL, LVDS, CML, HCSL, LVCMOS)
• Wide frequency range: dc to 1250 MHz
• Output Enable option
• Multiple configuration options
• Dual Bank option
• 2:1 Input Mux operation
• RoHS compliant, Pb-free
• Temperature range: –40 to +85 °C
0
1
CLK0*
CLK1*
CLK_SEL
*Si53326/28 require Single-ended Inputs
Si53325
4 Outputs
10 Outputs
5 Outputs
5 Outputs
4
5
10
5
5 Outputs
5
OEb
Si53327/28
CLK0
CLK1
CLK
2 Outputs
2
Power Supply Filtering
VDD
Power Supply Filtering
VDD
Power Supply Filtering
VDD
Si53320
Si53321/26
Si53323
Si53322
3 Outputs
3 Outputs
3
3
OEAb
OEBb
VDDOA
VDDOB
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2


Similar Part No. - Si53321-B-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI53321-B-GM SKYWORKS-SI53321-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

Similar Description - Si53321-B-GM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
JMA25R CONNOR-WINFIELD-JMA25R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
AC61R CONNOR-WINFIELD-AC61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA61R CONNOR-WINFIELD-MA61R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
logo
Silicon Laboratories
SI5XX5X7-EVB SILABS-SI5XX5X7-EVB Datasheet
1Mb / 8P
   Jumper selection for output enable
logo
Connor-Winfield Corpora...
MPA51R CONNOR-WINFIELD-MPA51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MPA61R CONNOR-WINFIELD-MPA61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA51R CONNOR-WINFIELD-MA51R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com