Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si82396AD-IS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si82396AD-IS
Description  Enhanced output UVLO safety
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si82396AD-IS Datasheet(HTML) 1 Page - Silicon Laboratories

  Si82396AD-IS Datasheet HTML 1Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 2Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 3Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 4Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 5Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 6Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 7Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 8Page - Silicon Laboratories Si82396AD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Si8239x Data Sheet
4.0 A ISODrivers with 2.5 V VDDI and Safety Features
The Si8239x combines two isolated drivers with either an independent input control or a
single input into a single package for high power applications. All drivers operate with a
2.5 V input VDD and a maximum drive supply voltage of 24 V.
The Si8239x isolators are ideal for driving power MOSFETs and IGBTs used in a wide
variety of switched power and motor control applications. These drivers utilize Silicon
Laboratories' proprietary silicon isolation technology, supporting up to 5 kVRMS with-
stand voltage. This technology enables high CMTI (100 kV/µs), lower prop delays and
skew, reduced variation with temperature and age and tighter part-to-part matching.
It also offers some unique features such as an output UVLO fault detection and feed-
back, and automatic shutdown for both drivers, an EN (active high) pin, a safe delayed
start-up time of 1 ms, fail-safe drivers with default low in case of VDDI power-down, and
dead time programmability. The Si8239x family offers longer service life and dramatically
higher reliability compared to opto-coupled gate drivers.
Applications
• Power Delivery Systems
• Motor Control Systems
• Isolated DC-DC Power Supplies
• Lighting Control Systems
• Solar and Industrial Inverters
Safety Approvals (Pending)
• UL 1577 recognized
• Up to 5000 Vrms for 1 minute
• CSA component notice 5A approval
• IEC 60950-1
• VDE certification conformity
• VDE 0884-10
• EN 60950-1 (reinforced insulation)
• CQC certification approval
• GB4943.1
KEY FEATURES
• Two isolated drivers in one package
• Up to 5 kVRMS isolation
• Up to 1500 VDC peak driver-to-driver
differential voltage
• Enhanced output UVLO safety
• Status feedback to controller
• Both outputs drive low on UVLO
• EN pin for enhanced safety
• Extended VDDI: 2.5 V – 5.5 V
• PWM and dual driver versions
• 4.0 A peak output
• High electromagnetic immunity
• Extended start-up time (1ms) for safe
initialization sequence
• 30 ns propagation delay
• Transient immunity: 100 kV/µs
• Programmable dead time
• 10–200 ns
• 40–600 ns
• Deglitch option for filtering noise
• Wide operating range
• –40 to +125 °C
• RoHS-compliant packages
• SOIC-16 wide body
• SOIC-16 narrow body
• AEC-Q100 qualified
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


Similar Part No. - Si82396AD-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si82396AD-IS SILABS-Si82396AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Skyworks Solutions Inc.
SI82396AD-IS SKYWORKS-SI82396AD-IS Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
SI82396AD-IS3 SKYWORKS-SI82396AD-IS3 Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
More results

Similar Description - Si82396AD-IS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S40A DELTA-NC12S40A Datasheet
993Kb / 14P
   Input UVLO, output OVP, OTP, OCP, SCP
logo
Renesas Technology Corp
9QXL2001C RENESAS-9QXL2001C Datasheet
783Kb / 27P
   20-Output Enhanced DB2000QL
October 6, 2022
9QXL2000C RENESAS-9QXL2000C Datasheet
759Kb / 23P
   20-Output Enhanced DB2000Q
Apr 5, 2022
logo
All Sensors Corporation
DS-0012 ASC-DS-0012 Datasheet
71Kb / 5P
   Enhanced Digital Output Sensors
logo
MORNSUN Science& Techno...
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
logo
Ultralife Corporation.
UHR-XR34610 ULTRALIFE-UHR-XR34610 Datasheet
471Kb / 2P
   Enhanced safety with a thermal fuse and shutdown separator.
Rev -
logo
Maxim Integrated Produc...
MAX22701EVKIT MAXIM-MAX22701EVKIT Datasheet
2Mb / 18P
   2 EV Kits to Support 3 Output Options: GNDB, Miller Clamp, or Adjustable UVLO
Rev 1; 3/20
logo
All Sensors Corporation
DS-0011 ASC-DS-0011 Datasheet
196Kb / 4P
   Enhanced Digital Output Sensors: Extended temperature range
DS-0010 ASC-DS-0010 Datasheet
199Kb / 5P
   Enhanced Digital Output Sensors: Industrial temperature range
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com