Electronic Components Datasheet Search |
|
Si8645BB-B-IS1 Datasheet(PDF) 1 Page - Silicon Laboratories |
|
Si8645BB-B-IS1 Datasheet(HTML) 1 Page - Silicon Laboratories |
1 / 42 page Si864x Data Sheet Low-Power Quad-Channel Digital Isolators Silicon Lab's family of ultra-low-power digital isolators are CMOS devices offering sub- stantial data rate, propagation delay, power, size, reliability, and external BOM advantag- es over legacy isolation technologies. The operating parameters of these products re- main stable across wide temperature ranges and throughout device service life for ease of design and highly uniform performance. All device versions have Schmitt trigger inputs for high noise immunity and only require VDD bypass capacitors. Data rates up to 150 Mbps are supported, and all devices achieve propagation delays of less than 10 ns. Enable inputs provide a single point control for enabling and disabling output drive. Ordering options include a choice of isolation ratings (1.0, 2.5, 3.75 and 5 kV) and a selectable fail-safe operating mode to control the default output state during power loss. All products >1 kV are safety certified by UL, CSA, VDE, and CQC, and products in wide-body packages support reinforced insulation withstanding up to 5 kVRMS. Applications • Industrial automation systems • Medical electronics • Hybrid electric vehicles • Isolated switch mode supplies • Isolated ADC, DAC • Motor control • Power inverters • Communications systems Safety Regulatory Approvals • UL 1577 recognized • Up to 5000 VRMS for 1 minute • CSA component notice 5A approval • IEC 60950-1, 61010-1, 60601-1 (reinforced insulation) • VDE certification conformity • Si864xxT options certified to reinforced VDE 0884-10 • All other options certified to IEC 60747-5-5 and reinforced 60950-1 • CQC certification approval • GB4943.1 KEY FEATURES • High-speed operation • DC to 150 Mbps • No start-up initialization required • Wide Operating Supply Voltage • 2.5–5.5 V • Up to 5000 VRMS isolation • Reinforced VDE 0884-10, 10 kV surge- capable (Si864xxT) • 60-year life at rated working voltage • High electromagnetic immunity • Ultra low power (typical) 5 V Operation • 1.6 mA per channel at 1 Mbps • 5.5 mA per channel at 100 Mbps 2.5 V Operation • 1.5 mA per channel at 1 Mbps • 3.5 mA per channel at 100 Mbps • Tri-state outputs with ENABLE • Schmitt trigger inputs • Selectable fail-safe mode • Default high or low output (ordering option) • Precise timing (typical) • 10 ns propagation delay • 1.5 ns pulse width distortion • 0.5 ns channel-channel skew • 2 ns propagation delay skew • 5 ns minimum pulse width • Transient Immunity 50 kV/µs • AEC-Q100 qualification • Wide temperature range • –40 to 125 °C • RoHS-compliant packages • SOIC-16 wide body • SOIC-16 narrow body • QSOP-16 silabs.com | Smart. Connected. Energy-friendly. Rev. 2.0 |
Similar Part No. - Si8645BB-B-IS1 |
|
Similar Description - Si8645BB-B-IS1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |