Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL28PCIe25ALIT Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SL28PCIe25ALIT
Description  Integrated voltage regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe25ALIT Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SL28PCIe25ALIT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
SL28PCIe25
DOC#: SP-AP-0776 (Rev. 0.2)
Page 8 of 16
Byte 13: Control Register 13
Byte 14: Control Register 14
.
PD# (Power down) Clarification
The CKPWRGD/PD# pin is a dual-function pin. During initial
power up, the pin functions as CKPWRGD. Once CKPWRGD
has been sampled HIGH by the clock chip, the pin assumes
PD# functionality. The PD# pin is an asynchronous active
LOW input used to shut off all clocks cleanly before shutting
off power to the device. This signal is synchronized internally
to the device before powering down the clock synthesizer. PD#
is also an asynchronous input for powering up the system.
When PD# is asserted LOW, clocks are driven to a LOW value
and held before turning off the VCOs and the crystal oscillator.
PD# (Power down) Assertion
When PD is sampled HIGH by two consecutive rising edges
of SRCC, all single-ended outputs will be held LOW on their
next HIGH-to-LOW transition and differential clocks must held
LOW. When PD mode is desired as the initial power on state,
PD must be asserted HIGH in less than 10
s after asserting
CKPWRGD.
PD# Deassertion
The power up latency is less than 1.8 ms. This is the time from
the deassertion of the PD# pin or the ramping of the power
supply until the time that stable clocks are generated from the
clock chip. All differential outputs stopped in a three-state
condition, resulting from power down are driven high in less
than 300
s of PD# deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs are enabled within a few clock cycles of
each clock. Figure 2 is an example showing the relationship of
clocks coming up.
Bit
@Pup
Name
Description
7
1
REF_Bit2
Drive Strength Control - Bit[2:0] , Note: Slew Rate REF Bit1 is located in Byte 6 Bit 5
Normal mode default ‘101’
Wireless Friendly Mode default to ‘111’
61
REF_Bit0
5
1
RESERVED
4
1
RESERVED
3
1
RESERVED
2
1
RESERVED
1
0
RESERVED
RESERVED
0
0
Wireless Friendly mode
Wireless Friendly Mode
0 = Disabled, Default all single-ended clocks slew rate config bits to ‘101’
1 = Enabled, Default all single-ended clocks slew rate config bits to ‘111’
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
1
RESERVED
RESERVED
40
OTP_4
OTP_ID
Idenification for programmed device
30
OTP_3
21
OTP_2
10
OTP_1
00
OTP_0
Table 4. Output Driver Status
All Differential Clocks
Clock
Clock#
PD# = 0 (Power down)
Low
Low


Similar Part No. - SL28PCIe25ALIT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALC SILABS-SL28PCIe26ALC Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALCT SILABS-SL28PCIe26ALCT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALI SILABS-SL28PCIe26ALI Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALIT SILABS-SL28PCIe26ALIT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
More results

Similar Description - SL28PCIe25ALIT

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NTE Electronics
NTE1895 NTE-NTE1895 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
NTE Electronics
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7078 NTE-NTE7078 Datasheet
21Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com